Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX4436A-LZ Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # OX4436A-LZ
Description  OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

OX4436A-LZ Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  OX4436A-LZ Datasheet HTML 1Page - Raltron Electronics Corporation OX4436A-LZ Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OCXO
RALTRON ELECTRONICS CORP.
§ 10651 N.W. 19
th S t § Miami, Florida 33172 § U.S.A.
phone: +001(305) 593-6033
§ fax: +001(305)594-3973 § e-mail: sales@raltron.com § internet: http:/www.raltron.com
OCXO SERIES 3000
n FEATURES
Small OCXO in EURO package
Frequencies up to 160 MHz
n ELECTRICAL PERFORMANCE
PARAMETER
OCXO SERIES 3000
AT CUT CRYSTAL
SC CUT CRYSTAL
Supply voltage, nom.
12V, 5V ±5% Standard (3.3V Optional)
Power dissipation steady state
1.5 Watt Max.
Heat up power
3 Watt Max
Heat up time.
3 min Max
Frequency range
1 To 160 MHz Standard
Frequency Adjustment
±10PPM Min (0 to 5V)
±0.7PPM Min (0 to 5V)
±0.05 PPM
±0.1 PPM
±0.25 PPM
±0.01 PPM
±0.02 PPM
±0.03 PPM
Freq. stability vs. temperature
LX: 0°C to 60°C
FZ: -30°C to 70°C
D3: -40°C to 85°
(Standard, contact factory for different temp ranges and stabilities)
Freq. stability vs. supply
changes
±0.015 PPM Max for ±5% Change
±0.010 PPM Max for ±5% Change
Freq. stability vs. load
changes
±0.01 PPM Max for ±5% Change
±0.005 PPM Max for ±5% Change
Long term stability (Aging)
±4 PPM Max for 10 Years
±0.005 PPM/Day Max.
±1 PPM Max for 10 Years
±0.002 PPM/Day Max.
Output
HCMOS/TTL/Sine 0 to +7dBm (Low voltage CMOS Available)
Harmonics, Sub Harmonics
-30dBc(Sine Output)
Spurious
-75dBc(Sine Output)
Duty cycle
40/60% to 60/40%(HCMOS)
Rise / fall time
10nS Max. (HCMOS,10%~90%Vout, 90%~10%Vout)
Short term Stability (10MHz)
1 E-10 /Sec
5 E-11 /Sec
Phase Noise
(Sine Output 10MHZ – under
static conditions)
Offset
Phase Noise
10Hz
-90 dBc/Hz
100Hz
-125 dBc/Hz
1000Hz
-135 dBc/Hz
10000Hz
-150 dBc/Hz
Offset
Phase Noise
10Hz
-110 dBc/Hz
100Hz
-130 dBc/Hz
1000Hz
-140 dBc/Hz
10000Hz
-150 dBc/Hz
Note: All Typical parameters for a 10MHz output and 5V Supply, for different frequencies consult factory


Similar Part No. - OX4436A-LZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX402 VECTRON-OX402 Datasheet
418Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
   Fully meeting Stratum 3 reference clock requirements
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX4020B-D3-28-20.000-STR3 RALTRON-OX4020B-D3-28-20.000-STR3 Datasheet
30Kb / 1P
   OCXO
OX4050A-LZ-28-12.800-STR3 RALTRON-OX4050A-LZ-28-12.800-STR3 Datasheet
26Kb / 1P
   OCXO
More results

Similar Description - OX4436A-LZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
OX-221-9102-49M152 VECTRON-OX-221-9102-49M152 Datasheet
686Kb / 9P
   OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com