Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMA403033N2AST Datasheet(PDF) 8 Page - Texas Instruments

Part # PTMA403033N2AST
Description  10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTMA403033N2AST Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTMA403033N2AST Datasheet HTML 4Page - Texas Instruments PTMA403033N2AST Datasheet HTML 5Page - Texas Instruments PTMA403033N2AST Datasheet HTML 6Page - Texas Instruments PTMA403033N2AST Datasheet HTML 7Page - Texas Instruments PTMA403033N2AST Datasheet HTML 8Page - Texas Instruments PTMA403033N2AST Datasheet HTML 9Page - Texas Instruments PTMA403033N2AST Datasheet HTML 10Page - Texas Instruments PTMA403033N2AST Datasheet HTML 11Page - Texas Instruments PTMA403033N2AST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
PTMA402050 Characteristic Data (V
O = 5 V)
(3) (4)
0.4
1.6
1.2
0.8
2.0
0
0.5
1.0
2.0
1.5
IO − Output Current − A
VIN = 48 V
VIN = 36 V
VIN = 60 V
VIN = 75 V
0
60
55
0.5
85
80
75
70
65
1.0
2.0
2.5
3.0
1.5
IO − Output Current − A
VIN = 48 V
VIN = 36 V
VIN = 60 V
VIN = 75 V
20
30
40
50
60
70
80
90
0
0.5
1.0
2.0
1.5
IO − Output Current − A
Natural
Convection
30
40
60
10
20
50
0
0
0.5
1.0
2.0
1.5
IO − Output Current − A
VIN = 48 V
VIN = 36 V
VIN = 60 V
VIN = 75 V
PTMA403033
PTMA402050
PTMA401120
SLTS259A – FEBRUARY 2006 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
POWER DISSIPATION
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE RIPPLE
TEMPERATURE DERATING
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 7.
Figure 8.
(3)
All data listed in Figure 5, Figure 7, and Figure 6 have been developed from actual products tested at 25°C. This data is considered
typical data for the dc-dc converter.
(4)
The temperature derating curves represent operating conditions at which internal components are at or below manufacturer's maximum
rated operating temperature. Derating limits apply to modules soldered directly to a 100–mm × 100–mm, double-sided PCB with 2 oz.
copper. For surface mount packages, multiple vias (plated through holes) are required to add thermal paths around the power pins.
Please refer to the mechanical specification for more information. Applies to Figure 8.
8
Submit Documentation Feedback


Similar Part No. - PTMA403033N2AST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
More results

Similar Description - PTMA403033N2AST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
logo
Ericsson
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com