Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT78B5DC12V0.6 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT78B5DC12V0.6
Description  Small size, light weight. / Low coil consumption.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT78B5DC12V0.6 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT78B5DC12V0.6 Datasheet HTML 1Page - DB Lectro Inc NT78B5DC12V0.6 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable
for
household
electrical
appliance,
automation system,
electronic
equipment, instrument,
meter,
telecommunication facilities and remote control facilities.
Ordering Information
NT78
C
S
10
DC12V
0.6
1
2
3
4
5
6
1 Part number:NT78
2 Contact arrangement:A:1A;B:1B;C:1C;U:1U
3 Enclosure:S: Sealed type;NIL: Dust cover
4 Contact rating:5A,10A/14VDC;10A/120VAC;5A/250VAC
5 Coil rated Voltage(V):DC:6,9,12,24
6 Coil power consumption:0.6:0.6W;0.8:0.8W
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC f1C SPDT(B-M)f1U SPSTNODM
Contact Material
Ag CdO
Ag SnO
2
Ag SnO
2 In2O3
Contact Rating (resistive)
NO:20A/14VDC
10A/120VAC,5A/250VAC
NC:15A/14VDC,10A/120VAC,5A/250VAC
IU:2
y10A/14VDC
Motor load : 1/2HP 125VAC
Lamp load : TV-5
Max. Switching Power
280W
1250VA
Max. Switching Voltage
42VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
release voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-600
6
6.6
60
4.8
0.30
009-600
9
9.9
135
7.2
0.45
012-600
12
13.2
240
9.6
0.60
024-600
24
26.4
960
19.2
1.20
0.6
10
5
006-800
6
6.6
45
4.8
0.30
009-800
9
9.9
102
7.2
0.45
012-800
12
13.2
180
9.6
0.60
024-800
24
26.4
720
19.2
1.20
0.8
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
91
NT 7 8
15.7
×12.3×14
E160644
on Pending
Patent No. 99206529.1
CH0054067-2000
www.dblectro.com


Similar Part No. - NT78B5DC12V0.6

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT78B5DC12V DBLECTRO-NT78B5DC12V Datasheet
539Kb / 2P
   Low coil consumption.
More results

Similar Description - NT78B5DC12V0.6

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com