Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFF700-48S28-5Y Datasheet(PDF) 4 Page - Artesyn Technologies

Part # RFF700-48S28-5Y
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFF700-48S28-5Y Datasheet(HTML) 4 Page - Artesyn Technologies

  RFF700-48S28-5Y Datasheet HTML 1Page - Artesyn Technologies RFF700-48S28-5Y Datasheet HTML 2Page - Artesyn Technologies RFF700-48S28-5Y Datasheet HTML 3Page - Artesyn Technologies RFF700-48S28-5Y Datasheet HTML 4Page - Artesyn Technologies RFF700-48S28-5Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
4
NEW Product
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
0
5
10
15
20
84
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 8 - Typical Efficiency vs. Output Current – RFF500-48S28Y
0
5
10
15
20
84
85
88
89
91
OUTPUT CURRENT (A)
Vin = 24 V
25
86
87
90
Figure 9 - Typical Efficiency vs. Output Current – RFF600-24S28Y
RFF500/600/700 Series
24 Vin and 48 Vin single output
0
5
10
15
20
85
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
25
87
88
91
Figure 10 - Typical Efficiency vs. Output Current – RFF700-48S28Y
Figure 11 - RFF600-24S28Y Transient Response
Load 10.70 A to 16.05 A
Figure 12 - RFF700-48S28Y Transient Response
Load 12.5 A to 18.75 A
0
5
10
15
20
83
85
87
89
91
OUTPUT CURRENT (A)
Vin = 24 V
Figure 7 - Typical Efficiency vs. Output Current – RFF500-24S28Y


Similar Part No. - RFF700-48S28-5Y

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF700-48S28TY ARTESYN-RFF700-48S28TY Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Emerson Network Power
RFF700-48S28Y EMERSON-NETWORKPOWER-RFF700-48S28Y Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF700-48S28Y ARTESYN-RFF700-48S28Y Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
More results

Similar Description - RFF700-48S28-5Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFF500 EMERSON-NETWORKPOWER-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Artesyn Technologies
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Bel Fuse Inc.
RCM500 BEL-RCM500 Datasheet
2Mb / 17P
   500/1000 W DC-DC Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
   20 W DC-DC Converters
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
   150 /300 W DC-DC Converters
logo
Emerson Network Power
EXB100 EMERSON-NETWORKPOWER-EXB100 Datasheet
407Kb / 2P
   100 W DC-DC Isolated Converters
logo
XP Power Limited
QSB600 XPPOWER-QSB600 Datasheet
2Mb / 10P
   600-700 W Isolated Output
logo
Artesyn Technologies
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com