Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68731L Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M68731L
Description  SILICON MOS FET POWER AMPLIFIER, 135-155MHz, 7W, FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68731L Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M68731L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68731L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68731L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 135-155MHz, 7W, FM PORTABLE RADIO
M68731L
MITSUBISHI RF POWER MODULE
Nov. ´97
13.7±1
18.8±1
6±1
23.9±1
1
OUTLINE DRAWING
PIN:
Pin
: RF INPUT
VGG : GATE BIAS SUPPLY
VDD : DRAIN BIAS SUPPLY
PO
: RF OUTPUT
GND: FIN
Dimensions in mm
BLOCK DIAGRAM
1
2
3
4
5
4
5
3
2
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
Load VSWR tolerance
VDD=7.2V,
VGG=3.5V,
Pin=50mW
VDD=9.2V, Pin=50mW,
PO=7W (VGG adjust), ZL=20:1
135
155
7
50
-20
No degradation or
destroy
MHz
W
%
dBc
-
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C,ZG=ZL=50Ω unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
9.2
VDD
Supply voltage
V
4
VGG
Gate bias voltage
mW
70
Pin
Input power
W
10
PO
Output power
°C
-30 to +100
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Storage temperature
VGG
≤3.5V, ZG=ZL=50Ω
f=135-155MHz, ZG=ZL=50
f=135-155MHz, ZG=ZL=50
f=135-155MHz, ZG=ZL=50
Stability
4
30±0.2
26.6±0.2
2-R1.5±0.1
1
2
3
4
5
0.45
21.2±0.2
ZG=50
Ω, VDD=4-9.2V,
Load VSWR
<4:1
-
-
No parasitic oscillation


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn