Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68731L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M68731L
Description  SILICON MOS FET POWER AMPLIFIER, 135-155MHz, 7W, FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68731L Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M68731L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68731L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68731L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 135-155MHz, 7W, FM PORTABLE RADIO
M68731L
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. GATE VOLTAGE
GATE VOLTAGE VGG (V)
100
10
1
2
100
10
1
0.1
0.5
3.5
3
1
1.5
2.5
PO
ηT
VDD=7.2V
Pin=50mW
f=155MHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn