Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LV125 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LV125
Description  Quad buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LV125 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV125
Quad buffer/line driver (3-State)
1998 Apr 28
5
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions, voltages are referenced to GND (ground = 0 V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
II
Input leakage
current
VCC = 5.5 V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 5.5 V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
55
Propagation delay
2.0
19
24
31
tPHL/tPLH
Propagation delay
nA to nY
Figures 1, 2
2.7
14
18
23
ns
nA to nY
3.0 to 3.6
102
14
18
4.5 to 5.5
12
15
1.2
75
3-State output
2.0
26
31
39
tPZH/tPZL
3 State out ut
enable time
OE tY
Figures 2, 3
2.7
19
23
29
ns
nOE to nY
3.0 to 3.6
142
18
23
4.5 to 5.5
15
19
1.2
65
3-State output
2.0
24
32
39
tPHZ/tPLZ
3 State out ut
disable time
OE tY
Figures 2, 3
2.7
18
24
29
ns
nOE to nY
3.0 to 3.6
142
20
24
4.5 to 5.5
17
21
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn