Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LV123 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74LV123
Description  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LV123 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74LV123
Dual retriggerable monostable multivibrator
with reset
2
1998 Apr 28
853–1911 19290
FEATURES
Optimized for Low Voltage applications: 1.0 to 5.5V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
DC triggered from active HIGH or active LOW inputs
Retriggerable for very long pulses up to 100% duty factor
Direct reset terminates output pulses
Schmitt-trigger action on all inputs except for the reset input
Output capability: standard (except for nR
EXT/CEXT)
I
CC category: MSI
DESCRIPTION
The 74LV123 is a low-voltage Si-gate CMOS device and is pin and
function compatible with the 74HC/HCT123.
The 74LV123 is a dual retriggerable monostable multivibrator with
output pulse width control by three methods. The basic pulse time is
programmed by selection of an external resistor (REXT) and
capacitor (CEXT). They are normally connected as shown in
Figure 1. Once triggered, the basic output pulse width may be
extended by retriggering the gated active LOW-going edge input
(nA) or the active HIGH-going edge input (nB). By repeating this
process, the output pulse period (nQ = HIGH, nQ = LOW) can be
made as long as desired. Alternatively, an output delay can be
terminated at any time by a LOW-going edge on input nRD, which
also inhibits the triggering. Figures 1 and 2 illustrate pulse control by
retriggering and early reset. The basic output pulse width is
essentially determined by the values of the external timing
components REXT and CEXT. For pulse width when CEXT <10000pF,
see Figure 5. When CEXT u 10,000pF, the typical output pulse
width is defined as:
tW = 0.45
REXT
CEXT (typ.), where
tW = pulse width in ns; REXT = external resistor in KΩ; and
CEXT = external capacitor in pF. Schmitt-trigger action in the nA and
nB inputs makes the circuit highly tolerant of slower input rise and
fall times.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB to nQ, nQ
nRD to nQ, nQ
CL = 15pF
VCC = 3.3V
REXT = 5KΩ
CEXT = 0pF
25
20
ns
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per monost-
able
VCC = 3.3V, VI = GND to VCC1
60
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV123 N
74LV123 N
SOT38-1
16-Pin Plastic SO
–40
°C to +125°C
74LV123 D
74LV123 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV123 DB
74LV123 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV123 PW
74LV123PW DH
SOT403-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn