Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4053 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC4053 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
2 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
3.
Applications
s Analog multiplexing and demultiplexing
s Digital multiplexing and demultiplexing
s Signal gating
4.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑{(CL + CS) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑{(C
L + CS) × VCC
2
× f
o} = sum of outputs;
Table 1:
Quick reference data
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74HC4053
tPZH,
tPZL
turn-ON time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-17
-
ns
Sn to Vos
-21
-
ns
tPHZ,
tPLZ
turn-OFF time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-18
-
ns
Sn to Vos
-17
-
ns
Ci
input capacitance
-
3.5
-
pF
CS
switch capacitance
independent I/O (nYn)
-
5
-
pF
common I/O (nZ)
-
8
-
pF
CPD
power dissipation
capacitance
per switch; VI = GND to
VCC
[1] -36
-
pF
74HCT4053
tPZH,
tPZL
turn-ON time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-23
-
ns
Sn to Vos
-21
-
ns
tPHZ,
tPLZ
turn-OFF time
CL = 15 pF; RL =1kΩ;
VCC =5 V
E to Vos
-20
-
ns
Sn to Vos
-19
-
ns
Ci
input capacitance
-
3.5
-
pF
CS
switch capacitance
independent I/O (nYn)
-
5
-
pF
common I/O(nZ)
-
8
-
pF
CPD
power dissipation
capacitance
per switch; VI = GND to
(VCC − 1.5 V)
[1] -36
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn