Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4053 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC4053 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
6 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
9.
Limiting values
Table 3:
Pin description
Symbol
Pin
Description
2Y1
1
2 independent input/output 1
2Y0
2
2 independent input/output 0
3Y1
3
3 independent input/output 1
3Z
4
3 common input/output
3Y0
5
3 independent input/output 0
E
6
enable input (active LOW)
VEE
7
negative supply voltage
GND
8
ground (0 V)
S3
9
select input 3
S2
10
select input 2
S1
11
select input 1
1Y0
12
1 independent input/output 0
1Y1
13
1 independent input/output 1
1Z
14
1 common input/output
2Z
15
2 common input/output
VCC
16
supply voltage
Table 4:
Function table [1]
Control
Channel on
E
Sn
L
L
nY0 to nZ
H
nY1 to nZ
H
X
none
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VEE = GND (ground = 0 V). [1]
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+11.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
ISK
switch clamping current
VS < −0.5 V or VS >VCC + 0.5 V
-
±20
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn