Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020WAZT Datasheet(PDF) 4 Page - Artesyn Technologies

Part # PTH12020WAZT
Description  DC-DC CONVERTERS POLA Non-isolated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12020WAZT Datasheet(HTML) 4 Page - Artesyn Technologies

  PTH12020WAZT Datasheet HTML 1Page - Artesyn Technologies PTH12020WAZT Datasheet HTML 2Page - Artesyn Technologies PTH12020WAZT Datasheet HTML 3Page - Artesyn Technologies PTH12020WAZT Datasheet HTML 4Page - Artesyn Technologies PTH12020WAZT Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
4
NEW Product
File Name: pth12020wl.pdf Rev (06): 13 Apr 2005
PTH12020
12Vin single output
20
30
40
50
60
80
Nat Conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
0
3
6
9
12
15
18
Figure 6 - Safe Operating Area for PTH12020L
Vin = 12 V, Output Voltage = 1.8 V (See Note A)
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
OUTPUT CURRENT (A)
1.8V
1.5V
1.2V
1.0V
0.8V
50
60
70
80
90
100
0
3
6912
15
Vout
18
Figure 7 - Efficiency vs Load Current for PTH12020L
Vin = 12 V (See Note B)
Track
8
9
10
PTH12020
(Top View)
Margin Up
Margin Down
5
4
3
6
7
2
1
GND
GND
L
O
A
D
Cin 560
µF
(Required)
+
Vin
Inhibit
Cout 330
µF
(Optional)
+
RSET 1%, 0.1W
(Required)
Vout
Vo Sense
Figure 8 - Standard Application
PTH12020L Characteristic Data


Similar Part No. - PTH12020WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020WAZT TI-PTH12020WAZT Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Emerson Network Power
PTH12020WAZT EMERSON-NETWORKPOWER-PTH12020WAZT Datasheet
260Kb / 5P
   DC-DC CONVERTERS
logo
Texas Instruments
PTH12020WAZT TI1-PTH12020WAZT Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12020WAZT

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03050 EMERSON-NETWORKPOWER-PTH03050 Datasheet
195Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTV12020 ARTESYN-PTV12020 Datasheet
244Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com