Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV08N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV08N
Description  Quad 2-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV08N Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV08N Datasheet HTML 1Page - NXP Semiconductors 74LV08N Datasheet HTML 2Page - NXP Semiconductors 74LV08N Datasheet HTML 3Page - NXP Semiconductors 74LV08N Datasheet HTML 4Page - NXP Semiconductors 74LV08N Datasheet HTML 5Page - NXP Semiconductors 74LV08N Datasheet HTML 6Page - NXP Semiconductors 74LV08N Datasheet HTML 7Page - NXP Semiconductors 74LV08N Datasheet HTML 8Page - NXP Semiconductors 74LV08N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LV08
Quad 2-input AND gate
1998 Apr 20
3
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
3B
3A
3Y
4Y
4B
4A
1A
1B
2Y
1Y
2A
2B
SY00034
LOGIC SYMBOL (IEEE/IEC)
SV00436
1
2
3
4
5
6
8
9
10
11
12
13
&
&
&
&
LOGIC SYMBOL
SV00435
1A
1B
2A
2B
3A
1Y
3B
4A
4B
2Y
3Y
4Y
3
6
8
11
1
2
4
5
9
10
12
13
LOGIC DIAGRAM (ONE GATE)
SV00415
A
Y
B
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Similar Part No. - 74LV08N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV08 NEXPERIA-74LV08 Datasheet
218Kb / 11P
   Quad 2-input AND gate
Rev. 5 - 13 September 2021
74LV08-Q100 NEXPERIA-74LV08-Q100 Datasheet
691Kb / 12P
   Quad 2-input AND gate
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
logo
Nexperia B.V. All right...
74LV08A NEXPERIA-74LV08A Datasheet
192Kb / 10P
   Quad 2-input AND gate
Rev. 1 - 19 December 2018
74LV08APW NEXPERIA-74LV08APW Datasheet
192Kb / 10P
   Quad 2-input AND gate
Rev. 1 - 19 December 2018
More results

Similar Description - 74LV08N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com