Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1200-96-1122 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # N1200-96-1122
Description  Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

N1200-96-1122 Datasheet(HTML) 4 Page - Artesyn Technologies

  N1200-96-1122 Datasheet HTML 1Page - Artesyn Technologies N1200-96-1122 Datasheet HTML 2Page - Artesyn Technologies N1200-96-1122 Datasheet HTML 3Page - Artesyn Technologies N1200-96-1122 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
> 10K
Output Voltage
Sense
FIG. 4
(J1-P8)
J1-P9 AC Good, J1-P14 DC OK
Low = Power/Output fail
High = Power/Output OK
External Pull-up Required
Sink Current 20mA
(On Voltage 0.7V)
FIG. 2 (Ref. FIG 5)
15V
10K
J1-P3
Close to Enable
FIG. 1
Open = Nominal Voltage
Tie to +5V for High Margin
Tie to Logic Ground (J1-11)
For Low Margin.
5V
(J1-P12) Margin
FIG. 3
STANDARD CONTROL SIGNALS
Remote enable
See Figure 1
DC OK
Signal remains "Hi" as long as
(See Figures 2 and 5)
output is ±5.0% of nominal.
AC power fail signal
Signal "Hi" when AC >85VAC and
(See Figure 5)
"Lo" when <75VAC.
Margin Hi/Lo (V1)
Allows ±5.0% change in output
(See Figure 3)
for system margin checking.
Remote Adjust
The outputs may be remotely
(See Figure 4)
adjusted linearly ±10%.
Current Monitor
Analog signal indicates load current in
single or parallel operation. 5±0.5VDC
represents FL, resistive load 103k
Ω.
>10ms
AC Power Fail Signal/DC OK Timing
AC Input Voltage
85Vrms
0V
>5ms
AC Good Flag
DC Outputs
DC Good Flag
FIG. 5
1000 and 1200 Watt
AC/DC high wattage power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1000-1200W AC/DC
PAGE 4
http://www.artesyn.com


Similar Part No. - N1200-96-1122

ManufacturerPart #DatasheetDescription
logo
Heyco.
N120 HEYCO-N120 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
List of Unclassifed Man...
N1206R225KCT ETC2-N1206R225KCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
N1206R225KNT ETC2-N1206R225KNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
logo
MMD Components
N120AA1 MMD-N120AA1 Datasheet
101Kb / 1P
   Industry Standard Package
N120AA2 MMD-N120AA2 Datasheet
101Kb / 1P
   Industry Standard Package
More results

Similar Description - N1200-96-1122

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
   Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
Artesyn Technologies
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
   Single and dual output 25 Watt AC/DC external power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
   Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
   Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
   Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
   Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com