Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N1200-96-192 Datasheet(PDF) 4 Page - Artesyn Technologies

Part No. N1200-96-192
Description  Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARTESYN [Artesyn Technologies]
Homepage  
Logo 

N1200-96-192 Datasheet(HTML) 4 Page - Artesyn Technologies

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
> 10K
Output Voltage
Sense
FIG. 4
(J1-P8)
J1-P9 AC Good, J1-P14 DC OK
Low = Power/Output fail
High = Power/Output OK
External Pull-up Required
Sink Current 20mA
(On Voltage 0.7V)
FIG. 2 (Ref. FIG 5)
15V
10K
J1-P3
Close to Enable
FIG. 1
Open = Nominal Voltage
Tie to +5V for High Margin
Tie to Logic Ground (J1-11)
For Low Margin.
5V
(J1-P12) Margin
FIG. 3
STANDARD CONTROL SIGNALS
Remote enable
See Figure 1
DC OK
Signal remains "Hi" as long as
(See Figures 2 and 5)
output is ±5.0% of nominal.
AC power fail signal
Signal "Hi" when AC >85VAC and
(See Figure 5)
"Lo" when <75VAC.
Margin Hi/Lo (V1)
Allows ±5.0% change in output
(See Figure 3)
for system margin checking.
Remote Adjust
The outputs may be remotely
(See Figure 4)
adjusted linearly ±10%.
Current Monitor
Analog signal indicates load current in
single or parallel operation. 5±0.5VDC
represents FL, resistive load 103k
Ω.
>10ms
AC Power Fail Signal/DC OK Timing
AC Input Voltage
85Vrms
0V
>5ms
AC Good Flag
DC Outputs
DC Good Flag
FIG. 5
1000 and 1200 Watt
AC/DC high wattage power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1000-1200W AC/DC
PAGE 4
http://www.artesyn.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn