Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2000-96-6 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # N2000-96-6
Description  Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

N2000-96-6 Datasheet(HTML) 4 Page - Artesyn Technologies

  N2000-96-6 Datasheet HTML 1Page - Artesyn Technologies N2000-96-6 Datasheet HTML 2Page - Artesyn Technologies N2000-96-6 Datasheet HTML 3Page - Artesyn Technologies N2000-96-6 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
> 10K
Output Voltage
Sense
FIG. 4
(J1-P8)
J1-P9 AC Good, J1-P14 DC OK
Low = Power/Output fail
High = Power/Output OK
External Pull-up Required
Sink Current 20mA
(On Voltage 0.7V)
FIG. 2 (Ref. FIG 5)
15V
10K
J1-P3
Close to Enable
FIG. 1
Open = Nominal Voltage
Tie to +5V for High Margin
Tie to Logic Ground (J1-11)
For Low Margin.
5V
(J1-P12) Margin
FIG. 3
STANDARD CONTROL SIGNALS
Remote enable
See Figure 1
DC OK
Signal remains "Hi" as long as
(See Figures 2 and 5)
output is ±5.0% of nominal.
AC power fail signal
Signal "Hi" when AC >170VAC and
(See Figure 5)
"Lo" when <150VAC.
Margin Hi/Lo (V1)
Allows ±5.0% change in output
(See Figure 3)
for system margin checking.
Remote Adjust
The outputs may be remotely
(See Figure 4)
adjusted linearly ±10%.
Current Monitor
Analog signal indicates load current in
single or parallel operation. 5±0.5VDC
represents FL, resistive load 103k
Ω.
>10ms
AC Power Fail Signal/DC OK Timing
AC Input Voltage
170Vrms
0V
>5ms
AC Good Flag
DC Outputs
DC Good Flag
FIG. 5
1500 and 2000 Watt
AC/DC high wattage power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1500-2000W AC/DC
PAGE 4
http://www.artesyn.com


Similar Part No. - N2000-96-6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N200-001-BK TRIPPLITE-N200-001-BK Datasheet
490Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 1 ft.
N200-001-BL TRIPPLITE-N200-001-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 1 ft.
N200-001-GN TRIPPLITE-N200-001-GN Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 1 ft.
N200-001-GY TRIPPLITE-N200-001-GY Datasheet
165Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Gray, 1 ft.
N200-001-RD TRIPPLITE-N200-001-RD Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 1 ft.
More results

Similar Description - N2000-96-6

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
N1000 ARTESYN-N1000 Datasheet
65Kb / 4P
   Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
Artesyn Technologies
L2000 ARTESYN-L2000 Datasheet
61Kb / 4P
   Single output 2000 Watt AC/DC high current power supplies
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
   Single and dual output 25 Watt AC/DC external power supplies
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Wall Industries,Inc.
PS600 WALL-PS600 Datasheet
157Kb / 4P
   600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com