Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NAN55 Datasheet(PDF) 2 Page - Artesyn Technologies

Part No. NAN55
Description  Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARTESYN [Artesyn Technologies]
Homepage  
Logo 

NAN55 Datasheet(HTML) 2 Page - Artesyn Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
International Safety Standard Approvals
EN60950/EN41003 File No. 10401-3336-1100/A1C Licence No. 98705
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
22.5W
45W
55W
5W
27.5W
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
Available Output Power V's Ambient Temperature
DERATING CURVE
Output Power (Watts)
NATURAL
CONVECTION
COOLING
5W MIN. LOAD IS REQUIRED TO ACHIEVE
DESIGN MTBF
5 CFM FORCED AIR COOLING
Mechanical notes
AA non-metallic stand-off is required in one hole as specified in the
mechanical drawing to meet safety requirements.
B
Maximum component height is 1.2 inches (30.48mm).
CA standard L-bracket and cover is available for mounting, which contains
all screws, connectors and necessary mounting hardware. Details are on
page 72. Order part number ‘NAL40 COVER KIT’.
0.08R (2.03) OBROUND SLOT TYP.
T1
2.54
(64.52)
0.23
(5.84)
2.60
(66.04)
3.00
(76.2)
0.20
(5.08)
4.60
(116.84)
4.54
(115.32)
J2
1
5.00
(127.00)
0.23
(5.84)
0.20
(5.08)
P1
J1
1
N
L
F1
C4
CR2
Q1
CR3
ALL DIMENSIONS IN INCHES (mm)
T1
AC (J1) connector
Molex 26-60-4030 or equivalent. Recommend Molex 09-50-3031 mating
connector with appropriate crimp terminals.
DC (J2) connector
Molex 26-60-4060 or equivalent. Recommend Molex 09-50-3061 mating
connector with appropriate crimp terminals.
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
P1
+Vout
V(B)
V(B)
P2
+Vout
V(A)
V(A)
P3
+Vout
V(A)
V(A)
P4
Return
Return
Return
P5
Return
Return
Return
P6
Return
Return
V(C)
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Connection
Pin 3
AC Neutral
P1
Pin 1
Safety Ground
Notes
1
Natural convection cooling (45W maximum).
2A 5 Watt minimum load is recommended to achieve design MTBF. See
derating curve.
3
Forced air, 5CFM at 1 atmosphere, 55W maximum for all models.
4
Figure is peak-to-peak. Output noise measurements are made across a
50MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF
capacitor.
5
For NAN55-7608 and NAN55-7629, to maintain stated regulation on +5.2V,
+12.1V then:
0.25 ≤ IA / IB ≤ 25. Also to maintain stated regulation on -12V of
NAN55-7608 then:
I(A) ≥ 0.5A
For NAN55-7628, to maintain stated regulation on the
±12V then:
I(A) ≥ 1.0A
6
Output voltages are not adjustable.
7
For optimum reliability, no part of the heatsink should exceed 120°C, and
no semiconductor case temperature should exceed 135°C.
8
Caution: allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
45 to 55 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
45-55W AC/DC
PAGE 2
http://www.artesyn.com
OUTPUT
OUTPUT CURRENT
RIPPLE (4)
TOTAL
MODEL NUMBER (10)
VOLTAGE (5)
MIN
MAX (1)
FAN (3)
REGULATION (5)
+ 5.2V (IA)0A
6.5A
7.2A
50mV
±2.0%
NAN55-7608
+12.1V (IB)0A
1.2A
1.5A
120mV
±5.0%
–12V (IC)0A
0.1A
0.2A
120mV
±5.0%
+ 5.2V (IA)
1.0A
7.0A
8.0A
50mV
±2.0%
NAN55-7628
+12V (IB)0A
0.35A
0.5A
120mV
±5.0%
–12V (IC)0A
0.35A
0.5A
120mV
±5.0%
+5.2V (IA)0A
6.5A
7.2A
50mV
±2.0%
NAN55-7629
+12.1V (IB)0A
1.1A
1.1A
120mV
±5.0%
+5V
1.0A
9.0A
11.0A
50mV
±3.0%
NAN55-7605
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn