Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX200-7617 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LX200-7617
Description  Flexible single and muliple outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX200-7617 Datasheet(HTML) 3 Page - Artesyn Technologies

  LX200-7617 Datasheet HTML 1Page - Artesyn Technologies LX200-7617 Datasheet HTML 2Page - Artesyn Technologies LX200-7617 Datasheet HTML 3Page - Artesyn Technologies LX200-7617 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIGNALS
1
8
A
A
A
A
A
115
115
ALL DIMENSIONS IN INCHES (mm)
A
A
A
A
INPUT
SYSTEM
O. K. LED
OUTPUT
A
9.18 (233.2)
7.15 (181.6)
1.02
(25.9)
8.52 (216.4)
.42
(10.7)
Mechanical notes
A
Input and output connectors are 15 way terminal block, 5mm pitch.
Signals board option is 8 way, single row right angle 0.1”, Molex
910210128, this mates with 90147 1108 or equivalent.
B
Customer fixing screws (A) are M3 isometric. They must not penetrate into
unit by more than 5mm.
International Safety Standard Approvals
Multiple output and 24V Single output units are approved to these
standards. Safety approval pending for 48V output model. See Note 7
EN60950/VDE0805 Reg. File No. 90371
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR101320
50W
200W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE (See Notes 1 & 2)
Output Power (Watts)
NATURAL
CONVECTION
COOLING
10% MIN. LOAD FOR AUXILIARY REGULATION
0W
300W
PEAK OUTPUT
POWER
200 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
200W AC
PAGE 3


Similar Part No. - LX200-7617

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LX200B00 ETC2-LX200B00 Datasheet
347Kb / 3P
   EMR SERIES REED RELAYS
LX200D00 ETC2-LX200D00 Datasheet
347Kb / 3P
   EMR SERIES REED RELAYS
LX200E00 ETC2-LX200E00 Datasheet
347Kb / 3P
   EMR SERIES REED RELAYS
LX200F00 ETC2-LX200F00 Datasheet
347Kb / 3P
   EMR SERIES REED RELAYS
LX200VB10RM12X20LL ETC1-LX200VB10RM12X20LL Datasheet
840Kb / 5P
   LXA/LX Series
More results

Similar Description - LX200-7617

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX550 ARTESYN-LX550 Datasheet
51Kb / 4P
   Flexible single and multiple outputs
LX350 ARTESYN-LX350 Datasheet
53Kb / 4P
   Flexible single and multiple outputs
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com