Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX550-7617 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LX550-7617
Description  Flexible single and multiple outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX550-7617 Datasheet(HTML) 1 Page - Artesyn Technologies

  LX550-7617 Datasheet HTML 1Page - Artesyn Technologies LX550-7617 Datasheet HTML 2Page - Artesyn Technologies LX550-7617 Datasheet HTML 3Page - Artesyn Technologies LX550-7617 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS
Voltage adjustability
Vout on singles
-8%/+16%
+5V output on multiple
±20%
Remote sense
±10%
Line regulation
Single output
±0.2%
LL to HL, FL
Multiple: +5V output
±0.2%
See Note 5
Multiple: aux. outputs,
±0.5%
Load regulation
Single output
±0.2%
(20% to 100% FL)
Multiple: +5V output
±1.0%
Multiple: ±12, +24 outputs
±2.0%
See Note 5
Multiple: -5V output
±4.0%
Cross regulation
5A load step on main output
1.0%
See Note 5
Auxiliary outputs
Transient response
25% di/dt
1.0% max. dev.
1ms recovery
Temperature coefficient Main/single output
±0.02%/°C
Multiple: auxiliary outputs
±0.04%/°C
Overvoltage protection
Main/single output
130% ±10% Vout
Output power limit
Multiples:
600W Pout
primary power limited
Singles:
105% to
current foldback
120% Iout
Shot circuit protection
All outputs
Yes
Minimum output current
0A
INPUT SPECIFICATIONS
Input voltage range
Autorange fitted
98 to 132VAC
(See Note 6)
as standard
190 to 264VAC
Drop-out voltage
98VAC
Input frequency
50Hz/60Hz
Input surge current
110VAC
16A max.
230VAC
25A max.
Safety ground
110VAC, 60Hz
1.6mA
leakage current
230VAC, 50Hz
2.5mA
INPUT SPECIFICATIONS CONTINUED
Remote OFF
Logic 0 on ROF
ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS
Conducted emissions
EN55022, EN55011, FCC
Class B
Input noise immunity
Line to line
2.5kV, 10µs
Line to ground
1.5kV, 150µs
GENERAL SPECIFICATIONS
Hold-up time
110VAC and 230VAC
18ms
Efficiency
82% min.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Fixed
44kHz
Approvals and
Safety
EN60950, VDE0805, UL1950
standards
CSA C22.2 No. 950
Weight
3.0kg (106oz)
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +70°C
(See Note 7)
Non-operating
–25°C to +85°C
0°C to 40°C ambient,
550W
fan cooled
40°C to 70°C ambient,
Derate linearly
fan cooled
to 25% full load
Peak, (0°C to 40°C,
550W, same as
max. 10s)
max. output but
allows individual peaks
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
Operating
5–50Hz, 0.05mm pk-pk
50–100Hz, 0.025mm pk-pk
Non-operating
100mm drop on
chassis face
LX550 SERIES
Flexible single and multiple outputs
[ 2 YEAR WARRANTY ]
• 550W continuous output power
• Industry standard footprint, low profile
• Conducted noise to meet EN55022 class B
• AC and DC input voltage options in same package
• Efficiency up to 88%
• Optional power sharing/VME signals
• Autoranging input
The LX550 family offers 550 Watts of continuous output power in a low profile
industry standard footprint. Cover and fan assembly and over temperature
protection are fitted as standard. With two standard single output options, and a
flexible standard multiple output, the series can address most power
requirements as standard. The design is specifically tailored to allow full
flexibility, and modifications to meet customer applications can be implemented
with ease. The LX550 AC input series meet the safety requirements of EN60950,
VDE0805, UL1950 and CSA C22.2 No. 950. Input conducted noise levels meet
the requirements of EN55022 class B. LX550 series power supplies are ideal for
use in high power industrial applications and are particularly suitable for front
end power systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - LX550-7617

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5501A MICROSEMI-LX5501A Datasheet
158Kb / 7P
   InGAP HBT Gain Block
LX5501ASE MICROSEMI-LX5501ASE Datasheet
158Kb / 7P
   InGAP HBT Gain Block
LX5501B MICROSEMI-LX5501B Datasheet
149Kb / 6P
   InGAP HBT Gain Block TM
LX5501BSE MICROSEMI-LX5501BSE Datasheet
149Kb / 6P
   InGAP HBT Gain Block TM
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
More results

Similar Description - LX550-7617

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX350 ARTESYN-LX350 Datasheet
53Kb / 4P
   Flexible single and multiple outputs
LX200 ARTESYN-LX200 Datasheet
54Kb / 4P
   Flexible single and muliple outputs
logo
RF Micro Devices
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
   Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
   Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
   Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
   Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1831 RFMD-RFVC1831 Datasheet
964Kb / 10P
   Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com