Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT7273 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HCT7273
Description  Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7273 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT7273 Datasheet HTML 1Page - NXP Semiconductors 74HCT7273 Datasheet HTML 2Page - NXP Semiconductors 74HCT7273 Datasheet HTML 3Page - NXP Semiconductors 74HCT7273 Datasheet HTML 4Page - NXP Semiconductors 74HCT7273 Datasheet HTML 5Page - NXP Semiconductors 74HCT7273 Datasheet HTML 6Page - NXP Semiconductors 74HCT7273 Datasheet HTML 7Page - NXP Semiconductors 74HCT7273 Datasheet HTML 8Page - NXP Semiconductors 74HCT7273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Oct 01
4
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset; positive
edge-trigger; open drain outputs
74HCT7273
PINNING
PIN
SYMBOL
DESCRIPTION
1
MR
asynchronous master reset (active LOW)
2, 5, 6, 9, 12, 15, 16, 19
Q0 to Q7
flip-flop outputs
3, 4, 7, 8, 13, 14, 17, 18
D0 to D7
data inputs
10
GND
ground (0 V)
11
CP
clock input (LOW-to-HIGH, edge triggered)
20
VCC
DC supply voltage
Fig.1 Pin configuration.
handbook, halfpage
MR
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
VCC
Q7
D7
D6
Q5
D5
Q6
D4
Q4
CP
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
7273
MNA380
Fig.2 Logic symbol.
handbook, halfpage
MNA381
D0 D1 D2 D3 D4 D5 D6 D7
CP
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
MR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn