Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV2057W Datasheet(PDF) 2 Page - Texas Instruments

Part # DV2057W
Description  Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DV2057W Datasheet(HTML) 2 Page - Texas Instruments

  DV2057W Datasheet HTML 1Page - Texas Instruments DV2057W Datasheet HTML 2Page - Texas Instruments DV2057W Datasheet HTML 3Page - Texas Instruments DV2057W Datasheet HTML 4Page - Texas Instruments DV2057W Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Configuration
These boards have the following characteristics:
I
Supply connector J1 accepts a maximum of 16VDC
(See the limitation on power dissipation below.)
I
Charge begins after application of both of the fol-
lowing:
the battery
supply voltage
I
Temperature sensing: disabled
I
AutoComp: disabled
The on-board regulator supplies a charging current of
500mA. This current is controlled by the value of the
sense-resistor, R2 in the following equation:
I
0.100
R
CHG
2
=
As configured, charge can be inhibited by connecting the
INH input to DC+ or DC–.
The value of R2 at shipment is 0.2
Ω. This resistor can be
changed to suit the application. However, the maximum
power dissipation in Q1 should not exceed the PD rat-
ing. (See recommended DC Operating Conditions.)
Setup Procedure
1.
Connect the battery pack to J1.
2.
Connect the charging supply to J2.
See the bq2057 data sheet for information on configur-
ing the temperature sensing circuit and the AutoComp
feature.
As shipped the DV2057/C/T/W uses a bipolar transistor
(Q1). Optionally, the user may replace Q1 with a
P-channel MOSFET. Please refer to the schematic for
details.
2
DV2057/C/T/W
Part Number
Regulation Voltage
DV2057
4.1V
DV2057C
4.2V
DV2057T
8.2V
DV2057W
8.4V
DV2057/C/T/W Regulation Voltages


Similar Part No. - DV2057W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057CTW TI1-DV2057CTW Datasheet
328Kb / 6P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2057 TI1-DV2057_14 Datasheet
328Kb / 6P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
More results

Similar Description - DV2057W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI1-DV2057_14 Datasheet
328Kb / 6P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
logo
List of Unclassifed Man...
DV2054S2 ETC2-DV2054S2_14 Datasheet
892Kb / 5P
   Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator
DV2954S1L ETC2-DV2954S1L_14 Datasheet
858Kb / 5P
   Li-Ion Charger Development System
DV2954S1H ETC2-DV2954S1H_14 Datasheet
1Mb / 5P
   Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator with High-Side Current Sensing
DV2002L2 ETC2-DV2002L2_14 Datasheet
130Kb / 5P
   Fast Charge Development System Control of LM317 Linear Regulator
DV2003L1 ETC2-DV2003L1_14 Datasheet
1Mb / 6P
   Fast Charge Development System Control of On-Board Linear Current Regulator or External Current Source
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com