Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFP1000 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DFP1000
Description  Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DFP1000 Datasheet(HTML) 1 Page - Artesyn Technologies

  DFP1000 Datasheet HTML 1Page - Artesyn Technologies DFP1000 Datasheet HTML 2Page - Artesyn Technologies DFP1000 Datasheet HTML 3Page - Artesyn Technologies DFP1000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS
Voltage set point
-48V ±0.1V @ 10A
Total regulation
Main output
±5.0%
(Full load to no load)
Auxiliary output, 5V, 0.5A max. ±5.0%
Rise time
At turn-on
1.0s, max.
Transient response
Main output
5.0% max. dev.,
75% to 100%
1ms recovery
step at 0.1A/µs
Ripple and noise
Main output
1.0V pk-pk,
(20MHz)
Overvoltage protection
latching
-57V to -60V min.
Output power limit
1200W
Short circuit protection
Yes
Current sharing
±10% sharing
0.1V/A droop
1/3L to FL
INPUT SPECIFICATIONS
Input voltage range
1000W
90 to 264VAC
1200W
108 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
25°C cold start
36A typ.
Input surge
300VAC
20ms
Safety ground
254.4VAC, 50Hz
2.5mA
leakage current
Input current
90VAC, 1000W
14A rms max.
Input fuse
Replaceable
20A
Power factor
110VAC
0.99
220VAC
0.98
DPF1000 SERIES
Dual output
[ 2 YEAR WARRANTY ]
• 1000W front end
• EN61000-3-2 compliant
• 11 x 6.0 x 5.0 inch size
• Hot pluggable
• N+1 redundancy
• Full set of status signals
• EN55022, EN55011 conducted emissions level A
• UL, VDE and CSA safety approvals
The DPF1000 is a 1000W universal input AC/DC front end power supply in a fully
enclosed hot pluggable case with built-in fan, handle, IEC input connector, on/off
switch and DIN output signal connector. Providing dual 48V and 5V outputs with a full
set of status signals. The DPF1000 is designed for use as a front end in medium
power communication applications adopting distributed power architecture. The
DPF1000 is fully compliant with EN61000-3-2. Standard features include current
sharing and full protection against overvoltage, overload and short circuit. Remote or
local system monitoring is possible via a full set of status signals that include fan fail,
DC good, power fail, remote inhibit and current monitoring. The DPF1000, with full
international safety approval and the CE mark, meets conducted emissions EN55022
level A. The DPF1000 can be used in conjunction with our complete range of 3 to
200W DC/DC converters to fully configure a distributed power system.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
Notes
1
3 orthogonal axes, random vibration, 10 minute test per axis.
EMC CHARACTERISTICS
Radiated noise
EN55022/11, FCC part 15
Level A
Conducted noise
EN55022/11
Level A
FCC part 15
Level A
Harmonic current emm. EN61000-3-2
Compliant
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
110VAC, 60Hz
20ms @ 1000W
Efficiency
110VAC @ 1kW
77% min.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
200kHz
Approvals and
VDE0805, EN60950, IEC950
standards
UL1950, BABT
CSA C22.2 No. 950
Weight
4.3kg (9.5Ibs)
MTBF
MIL-HDBK-217F
80,000 hours
@ 25°C full load
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient, FL
0°C to +50°C
Non-operating
-40°C to +70°C
50°C to 70°C
Derate linearly
ambient
to 50% at +70°C
Cooling
Built-in fan
Relative humidity
Operating
5% to 85% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 1)
5Hz to 500Hz
2.4G rms peak
Shock
MIL-STD-810E
516.4 Part IV


Similar Part No. - DFP1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP1411 VISHAY-DFP1411 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP141110R0FD05 VISHAY-DFP141110R0FD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP141110R0FE05 VISHAY-DFP141110R0FE05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP141110R0GD05 VISHAY-DFP141110R0GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
More results

Similar Description - DFP1000

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
   Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com