Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD435 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. BD435
Description  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BD435 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD435, BD437, BD439, BD441
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector−Emitter Breakdown Voltage
BD435
(IC = 100 mA, IB = 0)
BD437
BD439
BD441
V(BR)CEO
32
45
60
80
Vdc
Collector−Base Breakdown Voltage
BD435
(IC = 100 mA, IB = 0)
BD437
BD439
BD441
V(BR)CBO
32
45
60
80
Vdc
Emitter−Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 32 V, IE = 0)
BD435
(VCB = 45 V, IE = 0)
BD437
(VCB = 60 V, IE = 0)
BD439
(VCB = 80 V, IE = 0)
BD441
ICBO
0.1
0.1
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 5.0 V)
IEBO
1.0
mAdc
DC Current Gain
BD435
(IC = 10 mA, VCE = 5.0 V)
BD437
BD439
BD441
hFE
40
30
20
15
DC Current Gain
BD435
(IC = 500 mA, VCE = 1.0 V)
BD437
BD439, BD441
hFE
85
85
40
475
375
475
DC Current Gain
BD435
(IC = 2.0 A, VCE = 1.0 V)
BD437
BD439
BD441
hFE
50
40
25
15
Collector Saturation Voltage
(IC = 2.0 A, IB = 0.2 V)
BD435
(IC = 3.0 A, IB = 0.3 A)
BD437, BD439, BD441
VCE(sat)
0.5
0.8
Vdc
Base−Emitter On Voltage
(IC = 2.0 A, VCE = 1.0 V)
VBE(on)
1.1
Vdc
Current−Gain − Bandwidth Product
(VCE = 1.0 V, IC = 250 mA, f = 1.0 MHz)
fT
3.0
MHz


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn