Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD435 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. BD435
Description  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BD435 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 13
1
Publication Order Number:
BD437/D
BD435, BD437, BD439,
BD441
Plastic Medium Power
Silicon NPN Transistor
This series of plastic, medium−power silicon NPN transistors can be
used for amplifier and switching applications. Complementary types
are BD438 and BD442.
Features
Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD435
BD437
BD439
BD441
VCEO
32
45
60
80
Vdc
Collector−Base Voltage
BD435
BD437
BD439
BD441
VCBO
32
45
60
80
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
36
288
Watts
W/
°C
Operating and Storage Junction Temperature
Range
TJ, Tstg
– 55 to
+ 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
3.5
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping
BD435
TO−225AA
500 Units/Box
BD437
TO−225AA
500 Units/Box
4.0 AMPERES
POWER TRANSISTORS
NPN SILICON
xx
= 35, 37, 39, 41
Y
= Year
WW
= Work Week
BD439
TO−225AA
500 Units/Box
BD441
TO−225AA
500 Units/Box
TO−225AA
CASE 77
STYLE 1
MARKING DIAGRAM
YWW
BD4xx
3
2 1
BD437G
TO−225AA
(Pb−Free)
500 Units/Box
BD437T
TO−225AA
500 Units/Rail
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn