Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC125TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC125TTR
Description  QUAD BUS BUFFERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC125TTR Datasheet(HTML) 2 Page - STMicroelectronics

  74AC125TTR Datasheet HTML 1Page - STMicroelectronics 74AC125TTR Datasheet HTML 2Page - STMicroelectronics 74AC125TTR Datasheet HTML 3Page - STMicroelectronics 74AC125TTR Datasheet HTML 4Page - STMicroelectronics 74AC125TTR Datasheet HTML 5Page - STMicroelectronics 74AC125TTR Datasheet HTML 6Page - STMicroelectronics 74AC125TTR Datasheet HTML 7Page - STMicroelectronics 74AC125TTR Datasheet HTML 8Page - STMicroelectronics 74AC125TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74AC125
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 10, 13
1G to 4G
Output Enable Inputs
2, 5, 9, 12
1A to 4A
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AG
Y
XH
Z
LL
L
HL
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5V (note 1)
8
ns/V


Similar Part No. - 74AC125TTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC125 HITACHI-74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
National Semiconductor ...
74AC125 NSC-74AC125 Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
logo
ON Semiconductor
74AC125 ONSEMI-74AC125 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74AC125TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
February 1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
March 2000
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com