Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD5260G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. BD5260G
Description  VOLTAGE DETECTOR IC with adjustable delay time
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

BD5260G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BD5260G Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5260G Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5260G Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5260G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part number and Marking of samples
BD5260
PW
PV
PU
PT
PS
PR
PQ
PP
PN
PM
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
5.2V
5.1V
PB
PA
MV
MU
MT
MS
MR
MQ
MP
MN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
RW
RV
RU
RT
RS
RR
RQ
RN
RM
RP
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
BD5241
BD5259
BD5258
BD5257
BD5256
BD5255
BD5254
BD5253
BD5252
BD5251
BD5240
BD5239
BD5238
BD5237
BD5236
BD5235
BD5234
BD5233
BD5232
BD5360
BD5359
BD5358
BD5357
BD5356
BD5355
BD5354
BD5353
5.2V
5.1V
BD5352
BD5351
Marking Voltage
Part No.
Marking Voltage Part No.
Marking Voltage Part No.
Marking Voltage
Part No.
BD5341
RB
RA
QV
QU
QT
QS
QR
QQ
QP
QN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
BD5340
BD5339
BD5338
BD5337
BD5336
BD5335
BD5334
BD5333
BD5332
BD5250
PL
PK
PJ
PH
PG
PF
PE
PD
PC
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
MM
ML
MK
MJ
MH
MG
MF
ME
MD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
RL
RK
RJ
RH
RG
RF
RE
RC
RD
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
BD5231
BD5249
BD5248
BD5247
BD5246
BD5245
BD5244
BD5243
BD5242
BD5230
BD5229
BD5228
BD5227
BD5226
BD5225
BD5224
BD5223
BD5350
BD5349
BD5348
BD5347
BD5346
BD5345
BD5344
BD5343
4.2V
BD5342
BD5331
QM
QL
QK
QJ
QH
QG
QF
QE
QD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD5330
BD5329
BD5328
BD5327
BD5326
BD5325
BD5324
BD5323
Circuit current
"L" output current
"H" output current
I/O characteristic
BD52XXG/BD53XXG : SSOP5 (SMP5C2)
BD52XXFVE/BD53XXFVE : VSOF5 (EMP5)
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
3
4
5
6
25
30
35
45
40
1
2
5
10
15
20
0
VDS [V]
VDD=8.0
V
VDD=6.0V
VDD=4.8V
[BD5342G/FVE]
Timing waveform
Detection voltage
VDD
VDD
VOUT
CT
GND
A
VDD
VDS
VDD
VOUT
GND
A
VDD
VDS
VDD
VOUT
GND
A
CT
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
5
2
1
4
3
10
7
6
9
8
0.5
1.0
1.5
VDD[V]
0
[BD5242G/FVE]
18
1.5
2
2.5
10
15
0.5
1
5
0
VDS [V]
VDD=1.2V
VDD=2.4V
[BD5242G/FVE]
3.5
0.5
1.5
2.5
3
4.5
4
5.5
5
2
1
1
2
3
4
5
6
7
8
9
0
VDD[V]
Ta=25˚C
Ta=25˚C
[BD5242G/FVE]
0
50
-40
90
Ta [˚C]
3.4
3.8
4.2
4.6
5.0
5.4
[BD5242G/FVE]
low to high(VDET+
∆VDET)
high to low(VDET)
VDD
VDD
VOUT
VDET
0V
VOH
TPLH
VOL
VDET+
∆VDET
TPHL
TPLH


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn