Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVFBZ20DC24VA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVFBZ20DC24VA
Description  Switching capacity up to 20A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFBZ20DC24VA Datasheet(HTML) 2 Page - DB Lectro Inc

  NVFBZ20DC24VA Datasheet HTML 1Page - DB Lectro Inc NVFBZ20DC24VA Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1)
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
1)
Between contacts
Between
contact and coil
50Hz 500V
50Hz 1000V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6
Test Fc
Terminals strength
100N
IEC68-2-21 Test Ua2
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3 Test Ca
Mass
14g
Note: 1). ,When testing, coil terminals shall be connect , if coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NVF
Dimensions
Note: Footprint as shown above
is also available.
mm
>àçÇá
0.8
0.031
1.2
0.047
2.2
0.087
2.5
0.098
2.6
0.102
3.2
0.126
4.8
0.189
6.3
0.248
8
0.315
9
0.354
9.5
0.374
11.5
0.453
14
0.551
15
0.591
15.3
0.602
20.3
0.799
22.5
0.886
Wiring diagram (Bottom views)
nãîÜ>àç>ìòèÑ
na`>>ìòèÑ
Mounting (Bottom views)
www.dblectro.com


Similar Part No. - NVFBZ20DC24VA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVFB HUAXINAN-NVFB Datasheet
732Kb / 1P
   Suitable for automation system and automobile auxiliary etc
More results

Similar Description - NVFBZ20DC24VA

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
   Switching capacity up to 20A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
logo
CIT Relay & Switch
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
   Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
   Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
   High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com