Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

599R2GBC-CA Datasheet(PDF) 1 Page - HB Electronic Components

Part # 599R2GBC-CA
Description  5.0 mm DIA LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

599R2GBC-CA Datasheet(HTML) 1 Page - HB Electronic Components

  599R2GBC-CA Datasheet HTML 1Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 2Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 3Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 4Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 5Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 6Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 7Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5.0 mm DIA LED LAMP
599R2GBC-CA REV:A / 0
PACKAGE DIMENSIONS
DRAWING NO. : DS-35-04-0637
DATE : 200
5-10-19
Page :
1
HD-R/RD013
Note:
1.All Dimensions are in millimeters.
2.Tolerance is ±0.25mm(0.010 ")
Unless otherwise specified.
3.Protruded resin under flange
is 1.5mm(0.059 ") max.
4.Lead spacing is measured where
the leads emerge from the package.
5.Specification are subject to change
without notice
6.highlight <-500V the led can
withstand the max static level when
assembling or operation.


Similar Part No. - 599R2GBC-CA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
More results

Similar Description - 599R2GBC-CA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com