Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

560JY8C Datasheet(PDF) 5 Page - HB Electronic Components

Part # 560JY8C
Description  5.0 mm DIA LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560JY8C Datasheet(HTML) 5 Page - HB Electronic Components

  560JY8C Datasheet HTML 1Page - HB Electronic Components 560JY8C Datasheet HTML 2Page - HB Electronic Components 560JY8C Datasheet HTML 3Page - HB Electronic Components 560JY8C Datasheet HTML 4Page - HB Electronic Components 560JY8C Datasheet HTML 5Page - HB Electronic Components 560JY8C Datasheet HTML 6Page - HB Electronic Components 560JY8C Datasheet HTML 7Page - HB Electronic Components 560JY8C Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5.0 mm DIA LED LAMP
560JY8C
REV:A / 0
3) Similarly, when a jig is used to solder the LED to PC board, take care as much as possible to
avoid steering the leads (See Fig.3).

4) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the LED.
5) Lead cutting after soldering should be performed only after the LED temperature has returned to
normal temperature.
LED MOUNTING METHOD
1) When mounting the LED by using a case, as shown Fig.4, ensure that the mounting holds on
the PC board match the pitch of the leads correctly-tolerance of dimensions of the respective
components including the LED should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the leads and board holes, the
diameter of the board holes should be slightly larger than the size of the lead. Alternatively, the
shape of the holes should be made oval. (See Fig.4)
DRAWING NO. : DS-35-04-0744
DATE : 2004-12-03
Page :
5
P C b o a r d
ig.3
(F
jig
Fig.4
case
pc board


Similar Part No. - 560JY8C

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
560J HAMMOND-560J Datasheet
193Kb / 2P
   Audio Broadcast Quality
11/18/23, 7:51 AM
logo
List of Unclassifed Man...
560JE ETC2-560JE Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
More results

Similar Description - 560JY8C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com