Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NVF4-5 Datasheet(PDF) 2 Page - DB Lectro Inc

Part No. NVF4-5
Description  Contact load capacity up to 30A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-5 Datasheet(HTML) 2 Page - DB Lectro Inc

  NVF4-5 Datasheet HTML 1Page - DB Lectro Inc NVF4-5 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1)
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
1)
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
147m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
8N
IEC68-2-21 Test Ua2
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3 Test Ca
Mass
30g
Note: 1). When testing, coil terminals shall be connect ,If coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NVF4-5
Mounting (Bottom views)
Wiring diagram (Bottom views)
Dimensions
mm
>àçÇá
0.8
0.031
1.2
0.047
2
0.079
2.8
0.110
4.8
0.189
6.3
0.248
7.5
0.295
8.4
0.331
8.5
0.335
9.5
0.374
10.5
0.413
11
0.433
12
0.472
15
0.591
16
0.669
17.9
0.705
25
0.984
26.5
1.043
×1.2
×0.8
×0.8
www.dblectro.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn