Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NVF4-5 Datasheet(PDF) 1 Page - DB Lectro Inc

Part No. NVF4-5
Description  Contact load capacity up to 30A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-5 Datasheet(HTML) 1 Page - DB Lectro Inc

  NVF4-5 Datasheet HTML 1Page - DB Lectro Inc NVF4-5 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Miniature.
Contact load capacity up to 30A.
Suitable for automobile.
Terminal types as inserting.
Ordering Information
NVF4-5
C
Z
30
b
DC12V
R
1
2
3
4
5
6
7
1 Part number:NVF4-5
2 Contact arrangement
A:1A
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:30:30A
5 Terminals
b: PCB type;a: plug in type
6 Coil rated Voltage(V):DC:12
7 Coil transient suppression: R: with resistance;
NIL: standard
Contact Data
Contact Arrangement
1A
SPSTNO
Contact Material
Ag SnO
2
,
AgNi
Contact Rating (resistive)
30A/14VDC
Max. Switching Power
420W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
100mV (at 30A)
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
number
Rate
d
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(67%of rated
voltage )
release
voltage
VDC(min)
(12.5% of
rated voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
012-2200
12
15.6
67
8
1.5
2.2
7
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
137
NVF4-5
26.5
×26.5×25
www.dblectro.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn