Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD1005-Z39 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD1005-Z39
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-Z39 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD1005-Z39 Datasheet HTML 1Page - Bourns Electronic Solutions CD1005-Z39 Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-Z39 Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-Z39 Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-Z39 Datasheet HTML 5Page - Bourns Electronic Solutions CD1005-Z39 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CD0603/1005-Z Surface Mount Zener Diode Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Part Number
Part
Zener Voltage
Zener Impedance
Reverse Current
Marking
VZ
ZZT
IZ
ZZK
IZ
IR
CD0603
CD1005
Min. V
Max. V
IZ (mA)
Ohms
mA
Ohms
mA
µAVR
-Z2
-Z2
Z0
1.90
2.1
5
100
5
600
1
100
1
-Z2V2
-Z2V2
Z1
2.09
2.31
5
100
5
600
1
100
1
-Z2V4
-Z2V4
Z2
2.28
2.52
5
85
5
600
1
100
1
-Z2V7
-Z2V7
Z3
2.57
2.84
5
83
5
500
1
75
1
-Z3
-Z3
Z4
2.85
3.15
5
95
5
500
1
50
1
-Z3V3
-Z3V3
Z5
3.14
3.47
5
95
5
500
1
25
1
-Z3V6
-Z3V6
Z6
3.42
3.78
5
95
5
500
1
15
1
-Z3V9
-Z3V9
Z7
3.71
4.10
5
95
5
500
1
10
1
-Z4V3
-Z4V3
Z8
4.09
4.52
5
95
5
500
1
5
1
-Z4V7
-Z4V7
Z9
4.47
4.94
5
78
5
500
1
5
2
-Z5V1
-Z5V1
ZA
4.85
5.36
5
60
5
480
1
0.1
0.8
-Z5V6
-Z5V6
ZB
5.32
5.88
5
40
5
400
1
0.1
1
-Z6V2
-Z6V2
ZC
5.89
6.51
5
10
5
200
1
0.1
2
-Z6V8
-Z6V8
ZE
6.46
7.14
5
8
5
150
1
0.1
3
-Z7V5
-Z7V5
ZF
7.13
7.88
5
7
5
50
1
0.1
5
-Z8V2
-Z8V2
ZG
7.79
8.61
5
7
5
50
1
0.1
6
-Z9V1
-Z9V1
ZH
8.65
9.56
5
10
5
50
1
0.1
7
-Z10
-Z10
ZJ
9.50
10.50
5
15
5
70
1
0.1
7.5
-Z11
-Z11
ZK
10.45
11.55
5
20
5
70
1
0.1
8.5
-Z12
-Z12
ZM
11.40
12.60
5
20
5
90
1
0.1
9
-Z13
-Z13
ZN
12.35
13.65
5
25
5
110
1
0.1
10
-Z15
-Z15
ZP
14.25
15.75
5
30
5
110
1
0.1
11
-Z16
-Z16
ZQ
15.20
16.80
5
40
5
170
1
0.1
12
-Z18
-Z18
ZR
17.10
18.90
5
50
5
170
1
0.1
14
-Z20
-Z20
ZS
19.00
21.00
5
50
5
220
1
0.1
15
-Z22
-Z22
ZT
20.90
23.10
5
55
5
220
1
0.1
17
-Z24
-Z24
ZU
22.80
25.20
5
80
5
220
1
0.1
18
-Z27
-Z27
ZV
25.65
28.35
5
80
5
250
1
0.1
20
-Z30
-Z30
ZW
28.50
31.50
5
80
5
250
1
0.1
23
-Z33
-Z33
ZX
31.35
34.65
5
80
5
250
1
0.1
25
-Z36
-Z36
ZY
34.20
37.80
5
90
5
250
1
0.1
27
-Z39
-Z39
ZZ
37.05
40.95
5
90
5
300
1
0.1
39
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)


Similar Part No. - CD1005-Z39

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1005-B00330L BOURNS-CD1005-B00330L Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD1005-B00330R BOURNS-CD1005-B00330R Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD1005-B00340L BOURNS-CD1005-B00340L Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD1005-B00340R BOURNS-CD1005-B00340R Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
CD1005-B0130L BOURNS-CD1005-B0130L Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
More results

Similar Description - CD1005-Z39

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-T24C BOURNS-CD0603-T24C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-Z2V2 BOURNS-CD0603-Z2V2_11 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com