Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDSOT23-T03LC Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part No. CDSOT23-T03LC
Description  CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

CDSOT23-T03LC Datasheet(HTML) 4 Page - Bourns Electronic Solutions

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOT23-T03LC~T36LC – Low Capacitance TVS Diode Array Series
Packaging
The surface mount product is packaged in a 12 mm x 8 mm Tape and Reel format per EIA-481 standard.
2.0 ± 0.05
(.08 ± .002)
0.3 ± 0.05
(.01 ± .002)
3.9 ± 0.1
(.154 ± .004)
3.9 ± 0.1
(.154 ± .004)
1.75 ± 0.1
(.07 ± .004)
5.5 ± 0.3
(.22 ± .01)
12.0 ± 0.3
(.47 ± .01)
0.9 ± 0.1
(.035 ± .004)
ORIENTATION
OF COMPONENT
IN POCKET
BACKSIDE FACING UP
TOP SIDE VIEW
(INTO COMPONENT POCKET)
0.3
(0.01)
4.0 ± 0.1
(.16 ± .004)
8.0 ± 0.3
(.31 ± .01)
0.25
(0.010)
TYP.
R
1.5 ± 0.1/-0
(.06 ± .004/-0)
DIA.
MAX.
R
DIMENSIONS =
MILLIMETERS
(INCHES)
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Rev. 05/06


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn