Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDSOT23-T03LC Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part No. CDSOT23-T03LC
Description  CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

CDSOT23-T03LC Datasheet(HTML) 3 Page - Bourns Electronic Solutions

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOT23-T03LC~T36LC – Low Capacitance TVS Diode Array Series
Performance Graphs
Peak Pulse Power vs Pulse Time
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
3
1
2
The device block diagram below includes the pin names and basic
electrical connections.
Typical Part Marking
CDSOT23-T03LC ..........................................................................03L
CDSOT23-T05LC ..........................................................................05L
CDSOT23-T08LC ..........................................................................08L
CDSOT23-T12LC ..........................................................................12L
CDSOT23-T15LC ..........................................................................15L
CDSOT23-T24LC ..........................................................................24L
CDSOT23-T36LC ..........................................................................36L
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn