Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDNBS08-T24C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDNBS08-T24C
Description  CDNBS08-T03~T36C - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-T24C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDNBS08-T24C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-T24C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-T24C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-T24C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDNBS08-T03~T36C – TVS Diode Array Series
A
B
C
D
E
F
G
H
MILLIMETERS
(INCHES)
DIMENSIONS =
AB
C
D
E
Dimensions
A
4.80 - 5.00
(0.189 - 0.196)
B
3.80 - 4.00
(0.150 - 0.157)
C
5.80 - 6.20
(0.229 - 0.244)
D
1.35 - 1.75
(0.054 - 0.068)
E
0.10 - 0.25
(0.004 - 0.008)
F
0.25 - 0.50
(0.010 - 0.019)
G
0.40 - 1.250
(0.016 - 0.049)
H
0.18 - 0.25
(0.007 - 0.009)
Dimensions
A
1.143 - 1.397
(0.045 - 0.055)
B
0.635 - 0.889
(0.025 - 0.035)
C
6.223
(0.245)
Min.
D
3.937 - 4.191
(0.155 - 0.165)
E
1.016 - 1.27
(0.040 - 0.050)
This is a molded JEDEC narrow body SO-8 package with lead free
100 % Sn plating on the lead frame. It weighs approximately 15 mg
and has a flammability rating of UL 94V-0.
Recommended Footprint
How To Order
CD NBS08 - T 03 C
Common Code
Chip Diode
Package
• NBS08 = Narrow Body SOIC8 Package
Model
T = Transient Voltage Supressor
Working Peak Voltage
3 = 3 VRWM (Volts)
Suffix
C = Bidirectional Diode
Product Dimensions


Similar Part No. - CDNBS08-T24C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-T24C BOURNS-CDNBS08-T24C Datasheet
333Kb / 4P
   RoHS compliant
More results

Similar Description - CDNBS08-T24C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T03 BOURNS-CDSOT23-T03 Datasheet
302Kb / 4P
   CDSOT23-T03~T36C - TVS Diode Array Series
CDNBS16-T03 BOURNS-CDNBS16-T03 Datasheet
517Kb / 4P
   CDNBS16-T03~T36C - TVS Diode Array Series
CDNBS08-USB3B BOURNS-CDNBS08-USB3B Datasheet
310Kb / 4P
   CDNBS08-USBxB Series - Steering Diode/TVS Array Combo
CDSOT23-TXXC-Q BOURNS-CDSOT23-TXXC-Q Datasheet
172Kb / 5P
   CDSOT23-T03-Q~T15C-Q - TVS Diode Array Series
REV. 02/22
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3 Datasheet
332Kb / 4P
   CDNBS08-PLC03-3.3 Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4 Datasheet
323Kb / 4P
   CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6 Datasheet
340Kb / 4P
   CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6 Datasheet
347Kb / 4P
   CDNBS08-SRDAxx-6 - Steering Diode/TVS Array Combo
CDNBS08-SLVU2.8-4 BOURNS-CDNBS08-SLVU2.8-4 Datasheet
330Kb / 4P
   CDNBS08-SLVU2.8-4 - Low Capacitance TVS Array
CDNBS08-SLVU2.8-8 BOURNS-CDNBS08-SLVU2.8-8 Datasheet
338Kb / 4P
   CDNBS08-SLVU2.8-8 - Low Capacitance TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com