Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDX060N60 Datasheet(PDF) 2 Page - Rohm

Part # RDX060N60
Description  10V DRIVE NCH MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RDX060N60 Datasheet(HTML) 2 Page - Rohm

  RDX060N60 Datasheet HTML 1Page - Rohm RDX060N60 Datasheet HTML 2Page - Rohm RDX060N60 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RDX060N60
Transistors
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
±10
µA
600
−−
V
−−
25
µA
2.0
4.0
V
0.9
1.2
2.5
4.3
S
950
pF
110
20
pF
20
pF
14
ns
40
ns
28
ns
25
ns
6.5
nC
12
nC
−−
nC
VGS= ±25V, VDS=0V
VDD
300V
ID= 1mA, VGS=0V
VDS= 600V, VGS=0V
VDS= 10V, ID= 1mA
ID= 3.0A, VGS= 10V
VDS= 10V, ID= 3.0A
VDS= 25V
VGS=0V
f=1MHz
VGS= 10V
ID= 6A
VDD
150
V
ID= 3.0A
VGS= 10V
RL= 50
RG=10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
1.5
V
IS= 6A, VGS=0V
Forward voltage
trr
500
ns
IDR= 6A, VGS=0V
di/dt= 100A /
µs
Reverse recovery time
Qrr
4.6
−µC
Reverse recovery charge
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗ Pulsed


Similar Part No. - RDX060N60

ManufacturerPart #DatasheetDescription
logo
Rohm
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX045N60 ROHM-RDX045N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
More results

Similar Description - RDX060N60

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2715 ROHM-2SK2715_1 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX120N50 ROHM-RDX120N50 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX100N60 ROHM-RDX100N60 Datasheet
61Kb / 3P
   10V Drive Nch MOS FET
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
2SK3050 ROHM-2SK3050_1 Datasheet
107Kb / 6P
   10V Drive Nch MOS FET
RDX045N60 ROHM-RDX045N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RK3055E ROHM-RK3055E_1 Datasheet
95Kb / 5P
   10V Drive Nch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com