Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT7046A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT7046A
Description  Phase-locked-loop with lock detector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7046A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT7046A Datasheet HTML 5Page - NXP Semiconductors 74HCT7046A Datasheet HTML 6Page - NXP Semiconductors 74HCT7046A Datasheet HTML 7Page - NXP Semiconductors 74HCT7046A Datasheet HTML 8Page - NXP Semiconductors 74HCT7046A Datasheet HTML 9Page - NXP Semiconductors 74HCT7046A Datasheet HTML 10Page - NXP Semiconductors 74HCT7046A Datasheet HTML 11Page - NXP Semiconductors 74HCT7046A Datasheet HTML 12Page - NXP Semiconductors 74HCT7046A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
December 1990
9
Philips Semiconductors
Product specification
Phase-locked-loop with lock detector
74HC/HCT7046A
RECOMMENDED OPERATING CONDITIONS FOR 74HC/HCT
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
74HC
74HCT
UNIT
CONDITIONS
min.
typ.
max.
min.
typ.
max.
VCC
DC supply voltage
3.0
5.0
6.0
4.5
5.0
5.5
V
VCC
DC supply voltage if VCO section is
not used
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
DC input voltage range
0
VCC
0VCC
V
VO
DC output voltage range
0
VCC
0VCC
V
Tamb
operating ambient temperature range
−40
+85
−40
+85
°C
see DC and AC
CHARACTER-
ISTICS
Tamb
operating ambient temperature range
−40
+125 −40
+125 °C
tr, tf
input rise and fall times (pin 5)
6.0
1000
500
400
6.0
500
ns
VCC = 2.0 V
VCC = 4.5 V
VCC = 6.0 V
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VCC
DC supply voltage
−0.5
+7V
±I
IK
DC input diode current
20
mA
for VI <−0.5 V or VI > VCC + 0.5 V
±I
OK
DC output diode current
20
mA
for VO <−0.5 V or VO > VCC + 0.5 V
±IO
DC output source or sink current
25
mA
for
− 0.5 V < VO < VCC + 0.5 V
±I
CC;
±IGND
DC VCC or GND current
50
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
plastic DIL
750
mW
for temperature range:
−40 to +125 °C
74HC/HCT
above
+70 °C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above
+70 °C: derate linearly with 8 mW/K


Similar Part No. - 74HCT7046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results

Similar Description - 74HCT7046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com