Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2185NBCA-320 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-2185NBCA-320
Description  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185NBCA-320 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-2185NBCA-320 Datasheet HTML 15Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 16Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 17Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 18Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 19Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 20Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 21Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 22Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
–19–
REV. 0
ADSP-218xN Series
In addition to the programmable flags, ADSP-218xN series
members have five fixed-mode flags, FI, FO, FL0, FL1, and
FL2. FL0 – FL2 are dedicated output flags. FI and FO are
available as an alternate configuration of SPORT1.
Note: Pins PF0, PF1, PF2, and PF3 are also used for device
configuration during reset.
INSTRUCTION SET DESCRIPTION
The ADSP-218xN series assembly language instruction set
has an algebraic syntax that was designed for ease of coding
and readability. The assembly language, which takes full
advantage of the processor’s unique architecture, offers the
following benefits:
• The algebraic syntax eliminates the need to remember
cryptic assembler mnemonics. For example, a typical
arithmetic add instruction, such as AR = AX0 + AY0,
resembles a simple equation.
• Every instruction assembles into a single, 24-bit word that
can execute in a single instruction cycle.
• The syntax is a superset ADSP-2100 Family assembly
language and is completely source and object code com-
patible with other family members. Programs may need
to be relocated to utilize on-chip memory and conform to
the ADSP-218xN’s interrupt vector and reset vector map.
• Sixteen condition codes are available. For conditional
jump, call, return, or arithmetic instructions, the
condition can be checked and the operation executed in
the same instruction cycle.
• Multifunction instructions allow parallel execution of an
arithmetic instruction, with up to two fetches or one write
to processor memory space, during a single instruc-
tion cycle.
DESIGNING AN EZ-ICE-COMPATIBLE SYSTEM
ADSP-218xN series members have on-chip emulation
support and an ICE-Port, a special set of pins that interface
to the EZ-ICE. These features allow in-circuit emulation
without replacing the target system processor by using only
a 14-pin connection from the target system to the EZ-ICE.
Target systems must have a 14-pin connector to accept the
EZ-ICE’s in-circuit probe, a 14-pin plug.
Note: The EZ-ICE uses the same V
DD voltage as the VDD
voltage used for V
DDEXT. Because the input pins of the
ADSP-218xN series members are tolerant to input voltages
up to 3.6 V, regardless of the value of V
DDEXT, the voltage
setting for the EZ-ICE must not exceed 3.3 V.
Issuing the chip reset command during emulation causes
the DSP to perform a full chip reset, including a reset of its
memory mode. Therefore, it is vital that the mode pins are
set correctly PRIOR to issuing a chip reset command from
the emulator user interface. If a passive method of maintain-
ing mode information is being used (as discussed in Setting
Memory Mode on page 11), it does not matter that the
mode information is latched by an emulator reset. However,
if the RESET pin is being used as a method of setting the
value of the mode pins, the effects of an emulator reset must
be taken into consideration.
One method of ensuring that the values located on the mode
pins are those desired is to construct a circuit like the one
shown in Figure 14. This circuit forces the value located on
the Mode A pin to logic high, regardless of whether it is
latched via the RESET or ERESET pin.
The ICE-Port interface consists of the following ADSP-
218xN pins: EBR, EINT, EE, EBG, ECLK, ERESET,
ELIN, EMS, and ELOUT.
These ADSP-218xN pins must be connected only to the
EZ-ICE connector in the target system. These pins have no
function except during emulation, and do not require pull-
up or pull-down resistors. The traces for these signals
between the ADSP-218xN and the connector must be kept
as short as possible, no longer than 3 inches.
The following pins are also used by the EZ-ICE: BR, BG,
RESET, and GND.
The EZ-ICE uses the EE (emulator enable) signal to take
control of the ADSP-218xN in the target system. This
causes the processor to use its ERESET, EBR, and EBG
pins instead of the RESET, BR, and BG pins. The BG
output is three-stated. These signals do not need to be
jumper-isolated in the system.
The EZ-ICE connects to the target system via a ribbon cable
and a 14-pin female plug. The female plug is plugged onto
the 14-pin connector (a pin strip header) on the target
board.
Target Board Connector for EZ-ICE Probe
The EZ-ICE connector (a standard pin strip header) is
shown in Figure 15. This connector must be added to the
target board design to use the EZ-ICE. Be sure to allow
enough room in the system to fit the EZ-ICE probe onto
the 14-pin connector.
The 14-pin, 2-row pin strip header is keyed at the Pin 7
location—Pin 7 must be removed from the header. The pins
must be 0.025 inch square and at least 0.20 inch in length.
Figure 14. Mode A Pin/EZ-ICE Circuit
PROGRAMMABLE I/O
MODE A/PF0
RESET
ERESET
ADSP-218xN
1k


Similar Part No. - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com