Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2185NBCA-320 Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-2185NBCA-320
Description  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185NBCA-320 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-2185NBCA-320 Datasheet HTML 13Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 14Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 15Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 16Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 17Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 18Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 19Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 20Page - Analog Devices ADSP-2185NBCA-320 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
–17–
REV. 0
ADSP-218xN Series
DSP cycle. DSP accesses to external memory have priority
over BDMA byte memory accesses.
The BDMA Context Reset bit (BCR) controls whether the
processor is held off while the BDMA accesses are occur-
ring. Setting the BCR bit to 0 allows the processor to con-
tinue operations. Setting the BCR bit to 1 causes the
processor to stop execution while the BDMA accesses are
occurring, to clear the context of the processor, and start
execution at address 0 when the BDMA accesses have
completed.
The BDMA overlay bits specify the OVLAY memory blocks
to be accessed for internal memory. Set these bits as indi-
cated in.
Note: BDMA cannot access external overlay memory
regions 1 and 2.
The BMWAIT field, which has four bits on ADSP-218xN
series members, allows selection up to 15 wait states for
BDMA transfers.
Internal Memory DMA Port (IDMA Port; Host Memory
Mode)
The IDMA Port provides an efficient means of communi-
cation between a host system and ADSP-218xN series
members. The port is used to access the on-chip program
memory and data memory of the DSP with only one DSP
cycle per word overhead. The IDMA port cannot, however,
be used to write to the DSP’s memory-mapped control reg-
isters. A typical IDMA transfer process is shown as follows:
1.
Host starts IDMA transfer.
2.
Host checks IACK control line to see if the DSP is
busy.
3.
Host uses IS and IAL control lines to latch either the
DMA starting address (IDMAA) or the PM/DM
OVLAY selection into the DSP’s IDMA control regis-
ters. If Bit 15 = 1, the value of bits 7–0 represent the
IDMA overlay; bits 14–8 must be set to 0. If Bit 15 = 0,
the value of Bits 13–0 represent the starting address
of internal memory to be accessed and Bit 14 reflects
PM or DM for access. Set IDDMOVLAY and
IDPMOVLAY bits in the IDMA overlay register as
indicted in Table 12.
4.
Host uses IS and IRD (or IWR) to read (or write) DSP
internal memory (PM or DM).
5.
Host checks IACK line to see if the DSP has completed
the previous IDMA operation.
6.
Host ends IDMA transfer.
The IDMA port has a 16-bit multiplexed address and data
bus and supports 24-bit program memory. The IDMA port
is completely asynchronous and can be written while the
ADSP-218xN is operating at full speed.
The DSP memory address is latched and then automatically
incremented after each IDMA transaction. An external
device can therefore access a block of sequentially addressed
memory by specifying only the starting address of the block.
This increases throughput as the address does not have to
be sent for each memory access.
IDMA Port access occurs in two phases. The first is the
IDMA Address Latch cycle. When the acknowledge is as-
serted, a 14-bit address and 1-bit destination type can be
driven onto the bus by an external device. The address spec-
ifies an on-chip memory location, the destination type spec-
ifies whether it is a DM or PM access. The falling edge of
the IDMA address latch signal (IAL) or the missing edge of
the IDMA select signal (IS) latches this value into the
IDMAA register.
Once the address is stored, data can be read from, or written
to, the ADSP-218xN’s on-chip memory. Asserting the
select line (IS) and the appropriate read or write line (IRD
and IWR respectively) signals the ADSP-218xN that a par-
ticular transaction is required. In either case, there is a one-
processor-cycle delay for synchronization. The memory
access consumes one additional processor cycle.
Once an access has occurred, the latched address is auto-
matically incremented, and another access can occur.
Through the IDMAA register, the DSP can also specify the
starting address and data format for DMA operation.
Asserting the IDMA port select (IS) and address latch
enable (IAL) directs the ADSP-218xN to write the address
onto the IAD14 – 0 bus into the IDMA Control Register
(Figure 13). If Bit 15 is set to 0, IDMA latches the address.
If Bit 15 is set to 1, IDMA latches into the OVLAY register.
This register, also shown in Figure 13, is memory-mapped
at address DM (0x3FE0). Note that the latched address
(IDMAA) cannot be read back by the host.
When Bit 14 in 0x3FE7 is set to zero, short reads use the
timing shown in Figure 34 on page 37. When Bit 14 in
0x3FE7 is set to 1, timing in Figure 35 on page 38 applies
for short reads in short read only mode. Set IDDMOVLAY
Table 12. IDMA/BDMA Overlay Bits
Processor
IDMA/BDMA
PMOVLAY
IDMA/BDMA
DMOVLAY
ADSP-2184N
ADSP-2185N
ADSP-2186N
ADSP-2187N
ADSP-2188N
0
0
0
0, 4, 5
0, 4, 5, 6, 7
0
0
0
0, 4, 5
0, 4, 5, 6, 7, 8
ADSP-2189N
0, 4, 5
0, 4, 5, 6, 7


Similar Part No. - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NBCA-320 AD-ADSP-2185NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2185NBCA-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com