Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520LB7C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 520LB7C
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

520LB7C Datasheet(HTML) 3 Page - HB Electronic Components

  520LB7C Datasheet HTML 1Page - HB Electronic Components 520LB7C Datasheet HTML 2Page - HB Electronic Components 520LB7C Datasheet HTML 3Page - HB Electronic Components 520LB7C Datasheet HTML 4Page - HB Electronic Components 520LB7C Datasheet HTML 5Page - HB Electronic Components 520LB7C Datasheet HTML 6Page - HB Electronic Components 520LB7C Datasheet HTML 7Page - HB Electronic Components 520LB7C Datasheet HTML 8Page - HB Electronic Components 520LB7C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bin Code
IV(mcd)
Bin Code
IV(mcd) Bin Code
IV(mcd)
Bin Code IV(mcd)
A
0-5.0
H
37.2-52.0
Q
390-550
X
4180--5860
B
5.0-7.0
J
52.0-72.8
R
550-770
Y
5860-8200
C
7.0-9.8
K
72.8-102
S
770-1100
Z1
8-10cd
D
9.8-13.7
L
102-145
T
1100-1520
Z2
10-12cd
E
13.7-19.0
M
145-200
U
1520-2130
Z3
12-14cd
F
19.0-26.6
N
200-280
V
2130-3000
Z4
14-16cd
G
26.6-37.2
P
280-390
W
3000-4180
Z5
16-18cd
Ligth Col. Bin Code Wavel. (nm) Ligth Col. Bin Code Wavel. (nm)
B1
450-455
YG1
555-558
B2
455-460
YG2
558-561
B3
460-465
YG3
561-564
B4
465-470
YG4
564-567
B5
470-475
YG5
567-570
B6
475-480
YG6
570-573
G1
491-494
YG7
573-576
G2
494-497
Y1
582-585
G3
497-500
Y2
585-588
G4
500-503
Y3
588-591
G5
503-506
Y4
591-594
G6
506-509
Y5
594-597
G7
509-512
YO1
597-600
G8
512-515
YO2
600-603
G9
515-518
YO3
603-606
G10
518-521
YO4
606-609
G11
521-524
O1
609-612
G12
524-527
O2
612-615
G13
527-530
O3
615-618
G14
530-533
R1
618-621
G15
533-536
R2
621-624
G16
536-539
R3
624-627
G17
539-542
R4
627-630
G18
542-545
R5
630-633
G19
545-548
R6
633-636
Bin Code
VF (V)
Bin Code
VF (V) Bin Code
VF (V)
Bin Code
VF (V)
V1
1.6-1.8
V5
2.4-2.6
V9
3.2-3.4
V13
4.0-4.2
V2
1.8-2.0
V6
2.6-2.8
V10
3.4-3.6
V14
4.2-4.4
V3
2.0-2.2
V7
2.8-3.0
V11
3.6-3.8
V15
4.4-4.6
V4
2.2-2.4
V8
3.0-3.2
V12
3.8-4.0
V16
4.6-4.8
BRIGHTNESS BIN
YELLOW
YELLOW
ORANGE
PURE
ORANGE
YELLOW
GREEN
BLUE
GREEN
FORWARD VOLTAGE (VF) BIN
RED
BLUE
WAVELENGTH BIN
PURE
GREEN
BIN ranking for LEDs
Page:
3


Similar Part No. - 520LB7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
More results

Similar Description - 520LB7C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com