Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO15025 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CO15025
Description  THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CO15025 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CO15025 Datasheet HTML 1Page - Raltron Electronics Corporation CO15025 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
SERIES
CO15
C019
PACKAGE
14 PIN DIP
8 PIN DIP
FREQUENCY RANGE
500 KHz TO 100.00 MHz
500 KHz TO 100.00 MHz
FREQUENCY STABILITY†
CO15100 : ±100 PPM
CO15050 : ±50 PPM
CO15025 : ±25 PPM
CO19100 : ±100 PPM
CO19050 : ±50 PPM
CO19025 : ±25 PPM
OPERATING TEMPERATURE RANGE
0° C TO + 70° C STANDARD
-40° CTO + 85° C EXTENDED
0° C TO + 70° C STANDARD
-40° CTO + 85° C EXTENDED
STORAGE TEMPERATURE RANGE
-55° C TO +125° C
-55° C TO +125° C
INPUT
VOLTAGE
+5 VDC ±0.5 VDC
+5 VDC ±0.5 VDC
CURRENT
60 mA MAX
60 mA MAX
OUTPUT
SYMMETRY
40 TO 60% NORMAL
45 TO 55% TIGHT
40 TO 60% NORMAL
45 TO 55% TIGHT
RISE AND FALL TIME
(0.5 - 4.5 VDC)
10 ns MAX - 500 KHz TO 25.00 MHz
6ns MAX - 25.10 MHz TO 70.00 MHz
4 ns MAX - 70.1 MHz TO 100.00 MHz
10 ns MAX - 500 KHz TO 25.00 MHz
6ns MAX - 25.10 MHz TO 70.00 MHz
4 ns MAX - 70.1 MHz TO 100.00 MHz
LOGIC "0" LEVEL
+0.5 VDC MAX (10% VDD)
+0.5 VDC MAX (10% VDD)
LOGIC "1" LEVEL
+4.5 V MIN (90% VDD)
+4.5 V MIN (90% VDD)
LOAD††
1-10 TTL OR 15 pF CMOS
1-10 TTL OR 15 pF CMOS
ENABLE/DISABLE
FUNCTION
CONTROL (PIN 1)
HIGH OR OPEN
LOW
HIGH OR OPEN
LOW
OUTPUT (PIN 8 OR 5)
ENABLE : HIGH
DISABLE (LOW) : HIGH IMPEDANCE
ENABLE : HIGH
DISABLE(LOW) : HIGH IMPEDANCE
THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
SERIES CO15 AND CO19
PART NUMBERING SYSTEM
SPECIFICATIONS
ENVIRONMENTAL AND TECHNICAL CONDITIONS
ENVIRONMENTAL
TEMPERATURE CYCLE
MIL-STD 883, METHOD 1010, 10 CYCLES -20° C TO 85° C
SHOCK
MIL-STD-202, METHOD 213, TEST CONDITION C
VIBRATION
MIL-STD-202, METHOD 204, TEST CONDITION A
RESISTANCE TO
SOLDERING HEAT
MIL-STD-202, METHOD 210, TEST CONDITION B
HUMIDITY
85% RELATIVE HUMIDITY AT 85° C 250 HOURS
MECHANICAL
GROSS LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION C
FINE LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION A
TERMINAL STRENGTH
MIL-STD-202, METHOD 211, TEST CONDITION A AND C
MARKING INK
EPOXY, HEAT CURED.
MOISTURE RESISTANCE MIL-STD 202, METHOD 106, OMIT STEP 7B
SOLDERABILITY
MIL-STD-202, METHOD 208, 95% COVERAGE
SOLVENT RESISTANCE
MIL-STD-202, METHOD 215
EXAMPLE: CO15100-12.000-EXT, CO19050-45.000-T
OUTPUT WAVEFORM
tf
tr
VCC
"1" LEVEL
1/2 VCC
"0" LEVEL
0 VDC
t
T
+4.5 VDC
+2.5 VDC
+0.5 VDC
† FREQUENCY STABILITY INCLUSIVE OF ROOM TOLERANCE ,
FREQUENCY STABILITY OVER TEMPERATURE, 10% POWER SUPPLY VARIATION,AGING, SHOCK,AND VIBRATION
†† +3.3 VOLT VERSION IS AVAILABLE. CONSULT RALTRON FOR SPECIFICATIONS
††† OUTPUT LOADS ALSO AVAILABLE AT 15 pF, 30 pF AND 50 pF. CONSULT RALTRON FOR SPECIFICATIONS
FEATURES
WIDE FREQUENCY RANGE
EXCELLENT FOR 16 AND 32 BIT MPU’S
3-STATE FUNCTION
FREQUENCY
EXTENDED
TEMPERATURE
SERIES
CO15
CO19
(14 PIN DIP)
(8 PIN DIP)
-
±100 PPM
±50 PPM
±25 PPM
100
050
025
FREQUENCY
STABILITY
-
IN MHz
TR
GW
3.3
TAPE AND REEL*
GULL WING
+3.3 V
OPTIONS
-
EXT
-
T
SYMMETRY
TIGHT SYMMETRY
* Available for Gull Wing only


Similar Part No. - CO15025

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CO1565RT FAIRCHILD-CO1565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
CO1565RT FAIRCHILD-CO1565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - CO15025

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO6 RALTRON-CO6 Datasheet
99Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS-HCMOS COMPATIBLE
logo
List of Unclassifed Man...
CO1 ETC-CO1 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Raltron Electronics Cor...
CO1 RALTRON-CO1 Datasheet
98Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com