Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBU60-220 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SBU60-220
Description  63W Open Frame Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SBU60-220 Datasheet(HTML) 1 Page - DB Lectro Inc

  SBU60-220 Datasheet HTML 1Page - DB Lectro Inc SBU60-220 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
63
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230 VAC
1.0
A
Irl
Low Line Inrush Current
Io=Full load, 25 c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25 c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
6
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=100VAC
18
20
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Pe ak to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.45
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/ c
SBU60 SERIES
Description:
The SBU60 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous output
power . They are ideally suited for use in CRT terminals, disc drive
systems, microprocess or based systems, portable equipments and
many other applications, all models are designed to meet the safety
requirements of UL1950/EN60950 requirements. All units are 100%
burned in and tested.
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3051 and
Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061 (or
09-50-3081) and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Size: 3"x5"x1.09"
Class I Insulation
Two Years Warranty
Electrical Characteristics:
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Toper
Operating Temperature
0
70
c
Tstg
Storage Temperature
-40
85
c
Hr
Relative Humidity
5
95
%
Pd
Derate linearly from 100% load at 40 c to 50% load at 70 c
Safety Specifications:
Environmental :
Safety Approvals :
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vps
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Vpg
Dielectric Withstanding Voltage
for Primary to ground
Primary to ground
2121
VDC
Ri
Isolation Resistance
Test Voltage = 500VDC
50
M
CISPR EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
FCC
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
CB
CUS
Bauart
gepruft
Testing &
Certification
ITS
Features:
63W Open Frame Switching Power Supplies For I.T.E.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - SBU60-220

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SBU60-220 VOLGEN-SBU60-220 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
More results

Similar Description - SBU60-220

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60 VOLGEN-SBU60 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU120 DBLECTRO-SBU120 Datasheet
159Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU120 VOLGEN-SBU120 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU80 DBLECTRO-SBU80 Datasheet
446Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU100 DBLECTRO-SBU100 Datasheet
432Kb / 2P
   100W Open frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SEU61 VOLGEN-SEU61 Datasheet
451Kb / 2P
   63W Enclosed Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU16A DBLECTRO-SBU16A Datasheet
349Kb / 2P
   15W Open frame Switching Power Supplies For I.T.E.
SBU31 DBLECTRO-SBU31 Datasheet
231Kb / 2P
   30W Open frame Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com