Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBU120-301 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SBU120-301
Description  120W Open Frame Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SBU120-301 Datasheet(HTML) 1 Page - DB Lectro Inc

  SBU120-301 Datasheet HTML 1Page - DB Lectro Inc SBU120-301 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBU120 SERIES
120W Open Frame Switching Power Supplies For I.T.E.
The SBU120 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 120 Watts of continuous
OUTput power . They are ideally suited for use in CRT terminals, disc
drive systems, microprocess or based systems, portable equipments
and many other applications, all models are designed to meet the
safety requirements of UL1950/EN60950 requirements. All units are
100% burned in and tested.
Electrical Characteristics:
Safety Approvals :
CB
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Triple Output
Input connector mates with Molex housing 09-50-3051 and Molex
2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061 (or 09-50-3081,
or 09-50-3131) and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Power Factor Correction
Power Fail Detect(Optional)
Class I Insulation
Size: 3"x5"x1.32"
Two Years Warranty
Features:
Description:
CUS
Safety Specifications:
Environmental :
Hr
Relative Humidity
5
95
%
Toper
Operating Temperature
Tstg
Storage Temperature
Pd
0
70
85
-40
Sym.
Parameter
Min. Typ. Max.
Unit
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Sym.
Parameter
Test Conditions
Min. Typ. Max. Unit
0
Iil
1.7
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
Ts
0.3
12
Vp-p
Ilk
Iih
1.0
Irl
0.5
1
Tc
-0.04
0.04
Vin=90 to 264 VAC
Io=Full load, Vin=115VAC
Vin=230VAC
W
V
A
A
A
A
A
Input Voltage
Output Power Range
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Transient Response
Hold-Up Time
Safety Ground Leakage Current
Temperature
Coefficient
%
%
S
%
%
%
mA
mS
63
264
90
47
See rating Chart
12
15
26
30
3
0.45
0.4
Low Line Inrush Current
VAC
Hz
5
Vin
Fin
Wo
Vo
Io
120
88
80
70
132
150
110
112
High Line Inrush Current
PFC
Input Frequency
Power Factor Correction
Output Voltage Range
Output Current Range
Input Current (Low Line)
Input Current (High Line)
Io=Full load, Vin=90~260VAC
0.95
0.97
1.0
Io=Full load, Vin=230VAC
Io=Full load, 25 C,Cool start,
Vin=115VAC
Io=Full load, 25 C,Cool start,
Vin=230VAC
Io=Full load, Vin=110VAC
Io=Full load
Over Current Protection
Io=Full load to Half Load, Vin=100VAC
Start Up Time
Io=Full load, Vin=100VAC
Ripple & Noise (Peak to Peak) Full load, Vin=90VAC
12
%
Io=Full load, Vin=240VAC
See rating Chart
mS
18
16
20
4
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
Derate linearly from 100% load at 50 C to 50% load at 70 C
%/ C
Te s t Conditions
C
C
Io=Full load, Vin=230VAC
B a
ua
r t ge
pr u
Ty
P e ap ro
ve
p
Product Safety
All output
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - SBU120-301

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SBU120-301 VOLGEN-SBU120-301 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
SBU120-301-1 VOLGEN-SBU120-301-1 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
More results

Similar Description - SBU120-301

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SBU120 VOLGEN-SBU120 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
logo
DB Lectro Inc
SBU80 DBLECTRO-SBU80 Datasheet
446Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU100 DBLECTRO-SBU100 Datasheet
432Kb / 2P
   100W Open frame Switching Power Supplies For I.T.E.
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU16A DBLECTRO-SBU16A Datasheet
349Kb / 2P
   15W Open frame Switching Power Supplies For I.T.E.
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU60 DBLECTRO-SBU60 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60 VOLGEN-SBU60 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU31 DBLECTRO-SBU31 Datasheet
231Kb / 2P
   30W Open frame Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com