Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC595D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC595D
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC595D Datasheet HTML 1Page - NXP Semiconductors 74HC595D Datasheet HTML 2Page - NXP Semiconductors 74HC595D Datasheet HTML 3Page - NXP Semiconductors 74HC595D Datasheet HTML 4Page - NXP Semiconductors 74HC595D Datasheet HTML 5Page - NXP Semiconductors 74HC595D Datasheet HTML 6Page - NXP Semiconductors 74HC595D Datasheet HTML 7Page - NXP Semiconductors 74HC595D Datasheet HTML 8Page - NXP Semiconductors 74HC595D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2003 Jun 25
3
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH transition;
↓ = HIGH-to-LOW transition;
Z = high-impedance OFF-state;
n.c. = no change;
X = don’t care.
ORDERING INFORMATION
INPUT
OUTPUT
FUNCTION
SH_CP ST_CP
OE
MR
DS
Q7’
Qn
X
X
L
L
X
L
n.c.
a LOW level on MR only affects the shift registers
X
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high-impedance
OFF-state
X
L
H
H
Q6’
n.c.
logic high level shifted into shift register stage 0;
contents of all shift register stages shifted through, e.g.
previous state of stage 6 (internal Q6’) appears on the
serial output (Q7’)
X
L
H
X
n.c.
Qn’
contents of shift register stages (internal Qn’) are
transferred to the storage register and parallel output
stages
↑↑
L
H
X
Q6’
Qn’
contents of shift register shifted through; previous
contents of the shift register is transferred to the
storage register and the parallel output stages
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC595N
−40 to +125 °C
16
DIP16
plastic
SOT38-4
74HCT595N
−40 to +125 °C
16
DIP16
plastic
SOT38-4
74HC595D
−40 to +125 °C
16
SO16
plastic
SOT109-1
74HCT595D
−40 to +125 °C
16
SO16
plastic
SOT109-1
74HC595DB
−40 to +125 °C
16
SSOP16
plastic
SOT338-1
74HCT595DB
−40 to +125 °C
16
SSOP16
plastic
SOT338-1
74HC595PW
−40 to +125 °C
16
TSSOP16
plastic
SOT403-1
74HCT595PW
−40 to +125 °C
16
TSSOP16
plastic
SOT403-1
74HC595BQ
−40 to +125 °C
16
DHVQFN16
plastic
SOT763-1
74HCT595BQ
−40 to +125 °C
16
DHVQFN16
plastic
SOT763-1


Similar Part No. - 74HC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
More results

Similar Description - 74HC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com