Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC595D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74HC595D
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HC595D Datasheet HTML 12Page - NXP Semiconductors 74HC595D Datasheet HTML 13Page - NXP Semiconductors 74HC595D Datasheet HTML 14Page - NXP Semiconductors 74HC595D Datasheet HTML 15Page - NXP Semiconductors 74HC595D Datasheet HTML 16Page - NXP Semiconductors 74HC595D Datasheet HTML 17Page - NXP Semiconductors 74HC595D Datasheet HTML 18Page - NXP Semiconductors 74HC595D Datasheet HTML 19Page - NXP Semiconductors 74HC595D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2003 Jun 25
16
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
tsu
set-up time DS to SH_CP
see Fig.9
2.0
75
−−
ns
4.5
15
−−
ns
6.0
13
−−
ns
set-up time
SH_CP to ST_CP
see Fig.8
2.0
110
−−
ns
4.5
22
−−
ns
6.0
19
−−
ns
th
hold time DS to SH_CP
see Fig.9
2.0
3
−−
ns
4.5
3
−−
ns
6.0
3
−−
ns
trem
removal time MR to SH_CP see Fig.10
2.0
75
−−
ns
4.5
15
−−
ns
6.0
13
−−
ns
fmax
maximum clock
pulse frequency
SH_CP or ST_CP
see Figs 7 and 8
2.0
4
−−
MHz
4.5
20
−−
MHz
6.0
24
−−
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)


Similar Part No. - 74HC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
   8-Bit Shift Registers with Output Latches
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
More results

Similar Description - 74HC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com