Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CP2
Description  CLOCK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CP2 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CP2 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
CLOCK
CP2 AND CP4 SERIES
PROGRAMMABLE CLOCKS
1.5 ± 0.1
059 ± .004
.157 ± .004
4.0 ± 0.1
2.16 ± 0.1
.085 ± .004
2.0 ± 0.1
.079 ± .004
1.5 ± 0.1 DIA
.059 ± .004 DIA
8.0±0.1
.315±.004
CARRIER TAPE DIMENSIONS
PREHEATING
REFLOW
COOLING
240 °C
150 °C
25 °C
TIME (SECONDS)
100 s TYPICAL
10 s
Scale none Dimension in
mm
inch
INH: HI OR OPEN-Fout LOW-OSCILLATION STOPS
SPECIFICATIONS
REFLOW SOLDERING PROFILE
OUTLINE DRAWING
CO43/46 SERIES
PIN
FUNCTION
1
INH
2
GROUND
3
OUTPUT
4
VDD
FEATURES
IMMEDIATE SUPPLY
AVAILABE IN +3.3 VOLT OR +5 VOLT
MINIATURE PACKAGE
‡ CONSULT FACTORY
PART NUMBERING SYSTEM
EXAMPLE: CP2TVH-FREQ.-4
SERIES
CP 2
CP 4
FRE QUENCY RA NGE
SUPPLY VOLTAGE
+5 Vcc ±5%
+3.3 Vcc±5%
SUPPLY CURRENT
50.0 mA MAX(AT +25°C)
30.0 mA MAX(AT +25°C)
LOA D
OVERALL FREQUE NCY STABILITY
STORAGE TE MP ERA TURE RANGE
AB SOLUTE VOLTA GE RANGE
1 MHz TO 200MHz
±50 PPM, ±100 PPM
JITTER, PEA K-PE AK, MA X
125.0 ps (FRE Q< 33.000)
100.0 ps (FRE Q>33.000)
Vhigh: 2.97V
Vlow: 0.33V
40% to 60%
45% to 55% (Tight)
15 pF
DUTY CY CLE
HCMOS OUTP UT
Vhigh: 4.5V
Vlow: 0.5V
1.00 MHz TO 10.00 MHz: 5.0 ns
10.10 MHz TO 30.00 MHz: 4.0 ns
30.10 MHz TO 50.00 MHz: 3.0 ns
50.01 MHz TO 80.00 MHz: 2.5 ns
80.01 MHz TO 125.00 MHz: 2.0 ns
125.10 MHz TO 200.00 MHz: 1.5 ns
RISE AND FALL TIME
(20% to 80% )
-55°C to 125°C
0.5 V to +7.0 V
200.0 ps (FRE Q< 33.000)
100.0 ps (FRE Q>33.000)
PIN:HIGH OR OPE N(+204 VDC MIN.) PIN 3 OUPUT ENA BLED P IN
1:GROUND (+ 0.4 V DC MAX) P IN 3: OUPUT-DIS ABLED (HIGH Z)
0°C to +70°C
-40°C to +85°C
OPERATING TE MP ERA TURE RANGE
ENABLE/DISAB LE FUNCTION
P IN 1 L O CAT IO N
1.4 ± 0.12
4
3
2
1
1.8
1.8
MAR K IN G
AR EA
7.5 M A X
5.08 ± 0.12
0.295 M A X
.200 ± .005
.071
.071
.055 ± .005
3.28
SO LD ER N PATTER N
.129
5.08
.200
FREQUENCY
OVERALL FREQUENCY
STABILITY
J:±100 PPM
H:±50 PPM
I:±25 PPM
S: 0°C to +70°C
V: -40°C to +85°C
SUFFIX
CP2 (5V)
CP4 (3.3V)
A: 40% to 60%
T: 45% to 55%
IN MHz
4
--
SERIES
SYMMETRY
TEMPERATURE RANGE


Similar Part No. - CP2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CP2 JAE-CP2 Datasheet
266Kb / 3P
   Board-to-Board Floating Coaxial Connector
logo
Laird Tech Smart Techno...
CP2 LSTD-CP2 Datasheet
444Kb / 2P
   Precise Temperature Control
CP2-127-06 LSTD-CP2-127-06 Datasheet
214Kb / 2P
   Reliable solid state operation
logo
CUI INC
CP20 CUI-CP20 Datasheet
289Kb / 5P
   2.0 A PELTIER MODULE
CP20-M CUI-CP20-M Datasheet
781Kb / 5P
   PELTIER MODULE
07/08/2020
More results

Similar Description - CP2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
   ALARM CLOCK (CLOCK RADIO.ETC)
logo
Raltron Electronics Cor...
CE8200A-LZ-80.000-T-4 RALTRON-CE8200A-LZ-80.000-T-4 Datasheet
234Kb / 2P
   CLOCK
CE8250A-LZ-25.000-T-4 RALTRON-CE8250A-LZ-25.000-T-4 Datasheet
234Kb / 2P
   CLOCK
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Cirrus Logic
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com