Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO12 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CO12
Description  THROUGH HOLE CLOCK OSCILLATORS-HCMOS COMPATIBLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CO12 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CO12 Datasheet HTML 1Page - Raltron Electronics Corporation CO12 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
THROUGH HOLE CLOCK OSCILLATORS-HCMOS COMPATIBLE
SERIES CO6 AND CO12
PART NUMBERING SYSTEM
EXAMPLE: CO6100-10.000-EXT-T, CO12050-32.000-EXT-T-TR
ENVIRONMENTAL
TEMPERATURE CYCLE
MIL-STD 883, METHOD 1010, 10 CYCLES -20° C TO 85° C
SHOCK
MIL-STD-202, METHOD 213, TEST CONDITION C
VIBRATION
MIL-STD-202, METHOD 204, TEST CONDITION A
RESISTANCE TO
SOLDERING HEAT
MIL-STD-202, METHOD 210, TEST CONDITION B
HUMIDITY
85% RELATIVE HUMIDITY AT 85° C 250 HOURS
MECHANICAL
GROSS LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION C
FINE LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION A
TERMINAL STRENGTH
MIL-STD-202, METHOD 211, TEST CONDITION A AND C
MARKING INK
EPOXY, HEAT CURED.
MOISTURE RESISTANCE MIL-STD 202, METHOD 106, OMIT STEP 7B
SOLDERABILITY
MIL-STD-202, METHOD 208, 95% COVERAGE
SOLVENT RESISTANCE
MIL-STD-202, METHOD 2002, METHOD 215
tf
tr
VCC
"1" LEVEL
1/2 VCC
"0" LEVEL
0 VDC
t
T
+4.5 VDC
+2.5 VDC
+0.5 VDC
SERIES
CO6
CO12
PACKAGE
14 PIN DIP
8 PIN DIP
FREQUENCY RANGE
500.00 KHz TO 125.00 MHz
500.00 KHz TO 125.00 MHz
FREQUENCY STABILITY†
CO6100 : ±100 PPM
CO12100 : ±100 PPM
CO6050 : ±50 PPM
CO12050 : ±50 PPM
CO6025 : ±25 PPM
CO12025 : ±25 PPM
OPERATING TEMPERATURE RANGE
0° C TO +70° C STANDARD
-40° C TO 85° C EXTENDED
0° C TO +70° C STANDARD
-40° C TO 85° C EXTENDED
STORAGE TEMPERATURE RANGE
-55° C TO +125° C
-55° C TO +125° C
INPUT
VOLTAGE††
+5 VDC ±0.5 VDC
+5 VDC ±0.5 VDC
CURRENT (MAX)
500 KHz TO 19.999 MHz: 20 mA
500 KHz TO 19.999 MHz: 20 mA
20 MHz TO 34.999 MHz: 30 mA
20 MHz TO 34.999 MHz: 30 mA
35 MHz TO 69.999 MHz: 40 mA
35 MHz TO 69.999 MHz: 40 mA
70 MHz TO 125 MHz: 60 mA
70 MHz TO 125 MHz: 60 mA
OUTPUT
SYMMETRY
40 TO 60% NORMAL
45 TO 55% TIGHT
40 TO 60% NORMAL
45 TO 55% TIGHT
RISE AND FALL TIME
(0.5 - 4.5 VDC)
UNDER 24 MHz : ±10 ns MAX
UNDER 24 MHz : ±10 ns MAX
24 MHz TO 70 MHz : ±6 ns MAX
24 MHz TO 70 MHz : ±6 ns MAX
70 MHz TO 125 MHz : ±3 ns MAX
70 MHz TO 125 MHz : ±3 ns MAX
LOGIC "0" LEVEL
+0.5 V MAX. (10% VDD)
+0.5 V MAX. (10% VDD)
LOGIC "1" LEVEL
+4.5 V MIN (90% VDD)
+4.5 V MIN (90% VDD)
LOAD†††
15 pF OR 10 LS TTL STANDARD
15 pF OR 10 LS TTL STANDARD
OUTPUT WAVEFORMS
ENVIRONMENTALAND TECHNICAL CONDITIONS
SPECIFICATIONS
† FREQUENCY STABILITYINCLUSIVE OF ROOM TOLERANCE , FREQUENCYSTABILITYOVER TEMPERATURE,
10% POWER SUPPLY VARIATION,AGING, SHOCK,AND VIBRATION
†† +3.3 VOLT VERSION IS AVAILABLE. CONSULTRALTRON FOR SPECIFICATIONS
††† OUTPUT LOADS ALSOAVAILABLEAT15 pF, 30 pF AND 50 pF. CONSULTRALTRON FOR SPECIFICATIONS
FEATURES
STANDARD 8 AND 14 PIN DIP PACKAGE
TOLERANCEAND STABILITY TO
± 25 PPM
EXCELLENT CLOCK FOR 16 AND 32 BIT PROCESSORS
LOW COST
AVAILABLE IN 3.3 VOLT
FREQUENCY
EXTENDED
TEMPERA TURE
SERIES
CO6
CO12
(14 PIN DIP)
(8 PIN DIP)
-
±1 00 PPM
± 50 PPM
± 25 PPM
10 0
05 0
02 5
FREQUENCY
STA BIL ITY
-
IN MHz
TR
GW
3. 3
TA PE A ND REEL *
GULL WING
+3 .3 V
OPTIONS
-
EXT
-
T
S YMMETRY
TIGHT SY MMETRY
* Available for Gull Wing only


Similar Part No. - CO12

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CO1224 SYSTEMSENSOR-CO1224 Datasheet
176Kb / 2P
   Carbon Monoxide Detector
CO1224T SYSTEMSENSOR-CO1224T Datasheet
1Mb / 2P
   Carbon Monoxide Detector with RealTest Technology
logo
Fairchild Semiconductor
CO1265RT FAIRCHILD-CO1265RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - CO12

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO15 RALTRON-CO15 Datasheet
106Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
logo
List of Unclassifed Man...
CO1 ETC-CO1 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Raltron Electronics Cor...
CO1 RALTRON-CO1 Datasheet
98Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com