Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1254N Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TB1254N
Description  PAL / NTSC / SECAM 1CHIP (IFVCD PROCESSOR) IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1254N Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TB1254N Datasheet HTML 29Page - Toshiba Semiconductor TB1254N Datasheet HTML 30Page - Toshiba Semiconductor TB1254N Datasheet HTML 31Page - Toshiba Semiconductor TB1254N Datasheet HTML 32Page - Toshiba Semiconductor TB1254N Datasheet HTML 33Page - Toshiba Semiconductor TB1254N Datasheet HTML 34Page - Toshiba Semiconductor TB1254N Datasheet HTML 35Page - Toshiba Semiconductor TB1254N Datasheet HTML 36Page - Toshiba Semiconductor TB1254N Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image


Ver3.7
00/01/28 33
Note
Items/Symbols
Bus conditions
Measurement methods
P11
Capture range of the
PLL
/ fpH(p)
/ fpL(p)
Hold range of the PLL
/ fhH(p)
/ fhL(p)
RF AGC : except
0
PIF Freq. :
38.9MHz
VCO Adj. Req. :
0/1
Others : Preset
(1)Input a signal that 38.9[MHz], 90[dB
V] at pin 6.
(2)Set the bit of “VCO Adj. Req.” to “1”, and set the bit of “VCO Adj.
Req.” to “0”.
(3)Sweep down the input signal frequency to 34.9[MHz], and
sweep up to 43.9[MHz]. Sweep down the input signal frequency
to 38.9[MHz].
(4)Measure the voltage at pin 55 and measure the frequency of the
input signal shown as below.
Frequency of
the input signal
38.9[MHz]
f h(p)L
f p(p)L
f h(p)H
f p(p)H
P12
Control steepness of
the VCO
/

PIF Freq. :
38.9MHz
VCO Adj. Req. :
0/1
Others : Preset
(1) Set the bit of “VCO Adj. Req.” to “1”, and set the bit of “VCO
Adj. Req.” to “0”.
(2) Set the FET probe which connected to the spectrum analyzer
near by pin 50 or pin 51 (Don’t touch the probe directly to pin 50
or to pin 51).
(3) Apply 2.3[V] to pin 47, and measure frequency of the VCO
oscillation by the spectrum analyzer (fLVCO[MHz]).
(4) Apply 2.7[V] to pin 47, and measure frequency of the VCO
oscillation by the spectrum analyzer (fHVCO[MHz]).
(5)
[MHz/V] = (fHVCO-fLVCO)/0.4
P13
Steepness of the AFT
detection
/ S AFT
AFT Voltage
/ VAFTmax
/ VAFTmin
PIF Freq. :
38.9MHz
VCO Adj. Req.:
0/1
Others : Preset
(1) Input a 38.9[MHz], 90[dB
V] signal at pin 6.
(2) Set the bit of “VCO Adj. Req.” to “1”, and set the bit of “VCO
Adj. Req.” to “0”.
(3) Input a 38.9[MHz]-20[kHz], 90[dB
V], non-modulation signal at
pin 6.
(4) Measure the voltage at pin 55 (VH#55[V]).
(5) Input a 38.9[MHz]+20[kHz], 90[dB
V], non-modulation signal
at pin 6.
(6) Measure the voltage at pin 55 (VL#55[V]).
(7) S AFT[kHz/V] = 40/(VH#55-VL#55)
(8) Input a 38.9[MHz]-500[kHz], 90[dB
V], non-modulation signal
at pin 6.
(9) Measure the voltage at pin 55 (VAFTmax[V]).
(10) Input a 38.9[MHz]+500[kHz], 90[dB
V], non-modulation signal
at pin 6.
(11) Measure the voltage at pin 55 (VAFTmin[V]).
P14
AFT output voltage on
defeating
Preset
(1)Measure the voltage at pin 55 (VAFT Def[V]).


Similar Part No. - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1251 TOSHIBA-TB1251 Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1251A TAI-SAW-TB1251A Datasheet
322Kb / 7P
   SAW Filter 125MHz 20MHz BW (SMD 7.0횞5.0 mm)
logo
Toshiba Semiconductor
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1253A TAI-SAW-TB1253A Datasheet
349Kb / 7P
   SAW Filter 707.5MHz 17MHz BW (SMD 13.3횞6.5 mm)
TB1255A TAI-SAW-TB1255A Datasheet
349Kb / 7P
   SAW Filter 787.5MHz 21MHz BW (SMD 13.3횞6.5 mm)
More results

Similar Description - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1238N TOSHIBA-TB1238N Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231N TOSHIBA-TB1231N Datasheet
1Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
1998-02-18
TB1238BN TOSHIBA-TB1238BN Datasheet
3Mb / 80P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1231CN TOSHIBA-TB1231CN Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231AN TOSHIBA-TB1231AN Datasheet
2Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1240AN TOSHIBA-TB1240AN Datasheet
2Mb / 85P
   PAL/NTSC 1CHIP (IF VCD RPOCESSOR) IC
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
TB1246AN TOSHIBA-TB1246AN Datasheet
2Mb / 80P
   NTSC 1 CHIP (IF VCD PROCESSOR) IC
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com