Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1254N Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TB1254N
Description  PAL / NTSC / SECAM 1CHIP (IFVCD PROCESSOR) IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1254N Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TB1254N Datasheet HTML 46Page - Toshiba Semiconductor TB1254N Datasheet HTML 47Page - Toshiba Semiconductor TB1254N Datasheet HTML 48Page - Toshiba Semiconductor TB1254N Datasheet HTML 49Page - Toshiba Semiconductor TB1254N Datasheet HTML 50Page - Toshiba Semiconductor TB1254N Datasheet HTML 51Page - Toshiba Semiconductor TB1254N Datasheet HTML 52Page - Toshiba Semiconductor TB1254N Datasheet HTML 53Page - Toshiba Semiconductor TB1254N Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image


Ver3.7
00/01/28 50
Note
Items/Symbols
Bus conditoins
Measurement methods
D20
V. Ramp DC on
Service Mode
/ VNOVRAMP
V STOP:1
Others:Preset
(1)Set V STOP to 1.
(2)Measure the DC level of Pin24, that is "VNOVRAMP".
D21
Vertical Pull-in Range
(Auto)
/ FVPAUL
/ FVPAUH
Vertical Pull-in Range
(50Hz)
/ FVP50L
/ FVP50H
Vertical Pull-in Range
(60Hz)
/ FVP60L
/ FVP60H
V-Freq:
000/001/010
Others:Preset
(6) Input a composite sync signal into Pin38.
(7) For V-Freq 000/001/010, increasing the input vertical period
from 220H by 0.5H step, measure the period at which input
signal synchronized with V Ramp(Pin24), that is "FVPAUL" /”
FVP50L”/ "FVP60L".
(8) (3)For V-Freq 000/001/010, decreasing the input vertical
period from 360H by 0.5H step, measure the period at which
input signal synchronized with V Ramp, that is "FVPAUH" /”
FVP50H”/ "FVP60H".
D22
Vertical
Period
on
Fixed Mode
/ TV3125
/ TV2625
/ TV313
/ TV263
V-Freq:
100/101/110/
111
Others:Preset
For V-Freq 100/101/110/111, measure the vertical period at SCP
out (Pin30), that is "TV312.5"/"TV262.5" / "TV313"/"TV263" .
D23
V-BLK Start Phase
/ PH50VBLK
/ PH60VBLK
V-BLK Width
/ W50VBLK
/ W60VBLK
All:Preset
(1)Input a 50Hz/60Hz composite sync signal into Pin38.
(2)Measure "T50AFCOFF" / "1T60AFCOFF" at Pin30. (cf. Fig.D25)
D24
Sand
Castle
Pulse
Level
/ VSCPH
/ VSCPM
/ VSCPL
All:Preset
Measure "VSCPH" / "VSCPM" / "VSCPL" at Pin30.
V
SCPL
V
SCPM
V
SCPH
D25
Vertical
Ramp
Amplitude
/ VVRAMP
All:Preset
Measure the V Ramp amplitude at Pin24, that is "VVRAMP".
D26
Vertical AMP Gain
/ GVAMP
Vertical AMP
Max.Output Level
/ VVOMAX
Vertical AMP
Min.Output Level
/ VVOMIN
All:Preset
(1)Let Pin26 be open.
(2)Changing the Pin25 DC voltage, measure "VVOMAX" / "VVOMIN" /
"GVAMP"
according to a following figure.
V
VOMAX
V
VOMIN
ĢV=GVAMP
=20log(ĢV#26/ĢV#25)
#25DC
#26DC
D27
Vertical
AMP
Max.Output Current
/ IVOMAX
All:Preset
(1)Supply 7V to Pin25.
(2)Measure the current from Pin26 to GND, that is "IVOMAX".


Similar Part No. - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1251 TOSHIBA-TB1251 Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1251A TAI-SAW-TB1251A Datasheet
322Kb / 7P
   SAW Filter 125MHz 20MHz BW (SMD 7.0횞5.0 mm)
logo
Toshiba Semiconductor
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1253A TAI-SAW-TB1253A Datasheet
349Kb / 7P
   SAW Filter 707.5MHz 17MHz BW (SMD 13.3횞6.5 mm)
TB1255A TAI-SAW-TB1255A Datasheet
349Kb / 7P
   SAW Filter 787.5MHz 21MHz BW (SMD 13.3횞6.5 mm)
More results

Similar Description - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1238N TOSHIBA-TB1238N Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231N TOSHIBA-TB1231N Datasheet
1Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
1998-02-18
TB1238BN TOSHIBA-TB1238BN Datasheet
3Mb / 80P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1231CN TOSHIBA-TB1231CN Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231AN TOSHIBA-TB1231AN Datasheet
2Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1240AN TOSHIBA-TB1240AN Datasheet
2Mb / 85P
   PAL/NTSC 1CHIP (IF VCD RPOCESSOR) IC
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
TB1246AN TOSHIBA-TB1246AN Datasheet
2Mb / 80P
   NTSC 1 CHIP (IF VCD PROCESSOR) IC
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com