Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH601 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH601
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH601 Datasheet HTML 1Page - Vishay Siliconix SFH601 Datasheet HTML 2Page - Vishay Siliconix SFH601 Datasheet HTML 3Page - Vishay Siliconix SFH601 Datasheet HTML 4Page - Vishay Siliconix SFH601 Datasheet HTML 5Page - Vishay Siliconix SFH601 Datasheet HTML 6Page - Vishay Siliconix SFH601 Datasheet HTML 7Page - Vishay Siliconix SFH601 Datasheet HTML 8Page - Vishay Siliconix SFH601 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83663
Rev. 1.4, 26-Oct-04
VISHAY
SFH601
Vishay Semiconductors
Switching Non-saturated
Switching Saturated
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Current
Rise time
Fall time
Turn-on time
Turn-off time
Test condition
VCC = 5.0 V, RL = 75 Ω
Symbol
IF
tr
tf
ton
toff
Unit
mA
µs
µs
µs
10
2.0
2.0
3.0
2.3
Parameter
Current
Rise time
Fall time
Tutn-on time
Turn-off time
Test condition
VCEsat = 0.25 (≤ 0.4) V
Symbol
IF
tr
tf
ton
toff
Unit
mA
µs
µs
µs
µs
SFH601-1
20
2.0
11
3.0
18
SFH601-2
10
3.0
14
4.2
23
SFH601-3
10
3.0
14
4.2
23
SFH601-4
0.5
4.6
15
6.0
25
Figure 1. Linear Operation ( without Saturation)
Figure 2. Switching Operation (with Saturation)
isfh601_01
RL =75 Ω
VCC =5V
IC
47
IF
IF
1K
VCC =5V
47
isfh601_02
Figure 3. Current Transfer Ratio vs. Diode Current
Figure 4. Current Transfer Ratio vs. Diode Current
(TA = –25°C, VCE = 5.0 V)
IC/IF =f(IF)
isfh600_03
DC
Pulsbetrieb
Pulse
(TA =0°C,VCE = 5.0 V)
IC/IF =f(IF)
isfh601_04


Similar Part No. - SFH601

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
SFH601 VISHAY-SFH601 Datasheet
142Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.3, 25-Jan-08
SFH601 VISHAY-SFH601 Datasheet
158Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 19-Aug-13
SFH601 VISHAY-SFH601 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
SFH601 VISHAY-SFH601 Datasheet
212Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2022
More results

Similar Description - SFH601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com