Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH601
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH601 Datasheet HTML 1Page - Vishay Siliconix SFH601 Datasheet HTML 2Page - Vishay Siliconix SFH601 Datasheet HTML 3Page - Vishay Siliconix SFH601 Datasheet HTML 4Page - Vishay Siliconix SFH601 Datasheet HTML 5Page - Vishay Siliconix SFH601 Datasheet HTML 6Page - Vishay Siliconix SFH601 Datasheet HTML 7Page - Vishay Siliconix SFH601 Datasheet HTML 8Page - Vishay Siliconix SFH601 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
SFH601
Document Number 83663
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Current Transfer Ratio and Collector-Emitter Leakage Current by Dash Number
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Breakdown voltage
IR = 10 µAVBR
6.0
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VF = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rthja
750
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
f = 1.0 MHz, VCE = 5.0 V
CCE
6.8
pF
Collector - base capacitance
f = 1.0 MHz, VCB = 5.0 V
CCB
8.5
pF
Emitter - base capacitance
f = 1.0 MHz, VEB = 5.0 V
CEB
11
pF
Thermal resistance
RTHJamb
500
K/W
Collector-emitter leakage
current
VCE = 10 V
SFH601-1
ICEO
2.0
50
nA
SFH601-2
ICEO
2.0
50
nA
SFH601-3
ICEO
5.0
100
nA
SFH601-4
ICEO
5.0
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage, collector-
emitter
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Capacitance (input-output)
VI-O = 0 , f = 1.0 MHz
CIO
0.6
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF at VCE = 5.0 V
IF = 10 mA
SFH601-1
CTR
40
80
%
SFH601-2
CTR
63
125
%
SFH601-3
CTR
100
200
%
SFH601-4
CTR
160
320
%
IF = 1.0 mA
SFH601-1
CTR
13
30
%
SFH601-2
CTR
22
45
%
SFH601-3
CTR
34
70
%
SFH601-4
CTR
56
90
%


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn